Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R60PF22205040K Datasheet(PDF) 1 Page - Kemet Corporation

Part # R60PF22205040K
Description  Capacitor, film, 0.022 uF, /-10% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=10 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R60PF22205040K Datasheet(HTML) 1 Page - Kemet Corporation

  R60PF22205040K Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 8/05/2015 - 3d22d795-d68a-4818-b469-25e9049b621e
KEMET Part Number: R60PF22205040K
Capacitor, film, 0.022 uF, +/-10% Tol, -55/+105C, General Purpose, 630 VDC@85C, Lead Spacing=10 mm
Dimensions (mm)
Symbol
Dimension
Tolerance
L
13
+0.2
H
9
+1
T
4
+0.2
S
10
+/-0.4
LL
25
+2/-1
F
0.6
+/-0.05
Notes:
-L,H,T are nominal dimensions and do not imply a minimum.
General Information
Supplier: KEMET
Dielectric: Metallized Polyester
Application: General Purpose
Sub Application: AEC-Q200
Style: Radial Box
Lead Form: Wire Leads
RoHS: Yes
Specifications
Capacitance: 0.022 uF
Voltage: 630 VDC
Tolerance: +/-10%
Voltage AC: 220 VAC
Rated Temperature: 85C
Temperature Range: -55/+105C
Dissipation Factor @ 1 kHz: 1%
Dissipation Factor @ 10 kHz: 1.5%
Insulation Resistance: 30 GOhm
Inductance: 9
Maximum dVdT: 40 v/us
Miscellaneous:
Upper operating temperature of
125C is allowed for a maximum
operating time of 1,000 hours.
Above 85C, DC and AC voltage
derating is 1.25%/C.
Packaging Specifications
Package Kind: Bulk
Package Quantity: 1800
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R60PF22205040K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R60PF22205040K KEMET-R60PF22205040K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 0.022 uF, 10%, 630 V, 85C, Lead Spacing = 10mm
R60PF22205040K KEMET-R60PF22205040K_17 Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 0.022 uF, 10%, 630 V, 85C, Lead Spacing = 10mm
More results

Similar Description - R60PF22205040K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R75PF22204030J KEMET-R75PF22204030J Datasheet
56Kb / 1P
   Capacitor, film, 0.022 uF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=10 mm
R60PF2330506AK KEMET-R60PF2330506AK Datasheet
56Kb / 1P
   Capacitor, film, 0.033 uF, /-10% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=10 mm
R60PF21005030K KEMET-R60PF21005030K Datasheet
56Kb / 1P
   Capacitor, film, 0.01 uF, /-10% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=10 mm
R76MF22204030J KEMET-R76MF22204030J Datasheet
57Kb / 1P
   Capacitor, film, 0.022 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=10 mm
R76PI22204030J KEMET-R76PI22204030J Datasheet
56Kb / 1P
   Capacitor, film, 0.022 uF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=15 mm
R73PI22204000J KEMET-R73PI22204000J Datasheet
56Kb / 1P
   Capacitor, film, 0.022 uF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=15 mm
R60PI31005030K KEMET-R60PI31005030K Datasheet
56Kb / 1P
   Capacitor, film, 0.1 uF, /-10% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=15 mm
R75PF21804030J KEMET-R75PF21804030J Datasheet
56Kb / 1P
   Capacitor, film, 0.018 uF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=10 mm
R75PF21004030J KEMET-R75PF21004030J Datasheet
56Kb / 1P
   Capacitor, film, 0.01 uF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=10 mm
R60PI26805030K KEMET-R60PI26805030K Datasheet
56Kb / 1P
   Capacitor, film, 0.068 uF, /-10% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=15 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com