Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE55R01LM Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SLE55R01LM
Description  Security & Chip Card ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE55R01LM Datasheet(HTML) 5 Page - Infineon Technologies AG

  SLE55R01LM Datasheet HTML 1Page - Infineon Technologies AG SLE55R01LM Datasheet HTML 2Page - Infineon Technologies AG SLE55R01LM Datasheet HTML 3Page - Infineon Technologies AG SLE55R01LM Datasheet HTML 4Page - Infineon Technologies AG SLE55R01LM Datasheet HTML 5Page - Infineon Technologies AG SLE55R01LM Datasheet HTML 6Page - Infineon Technologies AG SLE55R01LM Datasheet HTML 7Page - Infineon Technologies AG SLE55R01LM Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SLE 55R01
Short Product Information
5 / 8
2001-01-31
1
General Description
SLE 55Rxx-family of contactless memory chips focuses on high security and flexible memory and
sector configuration. This family of memory chips supplies the user with different memory sizes
meeting the requirements of variable applications.
SLE 55R01 complies to ISO/IEC 14443 part 2 and part 3 Type-A (modulation ASK 100%) for
contactless proximity smart cards. The power supply and data are transferred to SLE 55R01 via an
antenna. SLE 55R01 is designed to communicate with a contactless card reader up to a typical
operating distance of 10 cm.
Key Area
up to 14 Key Pairs
Legend
Blocks marked by cross hatch - Defined by chip manufacturer
Administration
Area
Control of Memory
Access
User Area
1 up to 15 Sectors
Service Area
Configurable Sector Size
up to 16 Pages
Unique Serial Number
Figure 3 Memory principle of SLE 55R01


Similar Part No. - SLE55R01LM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE55R04 INFINEON-SLE55R04 Datasheet
496Kb / 8P
   Security & Chip Card ICs
2001-01-31
SLE55R04C INFINEON-SLE55R04C Datasheet
496Kb / 8P
   Security & Chip Card ICs
2001-01-31
SLE55R04LM INFINEON-SLE55R04LM Datasheet
496Kb / 8P
   Security & Chip Card ICs
2001-01-31
SLE55R08 INFINEON-SLE55R08 Datasheet
496Kb / 8P
   Security & Chip Card ICs
January 2001
SLE55R08C INFINEON-SLE55R08C Datasheet
496Kb / 8P
   Security & Chip Card ICs
January 2001
More results

Similar Description - SLE55R01LM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com