Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACST4 Datasheet(PDF) 5 Page - Kersemi Electronic Co., Ltd.

Part # ACST4
Description  AC POWER SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

ACST4 Datasheet(HTML) 5 Page - Kersemi Electronic Co., Ltd.

  ACST4 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. ACST4 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ACST4 Series
5/9
L
R
VAC +VPP
SURGE VOLTAGE
AC LINE & GENERATOR
RG = 220
COM
OUT
G
ACST4
Fig. B: Overvoltage ruggedness test circuit for re-
sistive
and
inductive
loads
according
to
IEC61000-4-5 standards.
R = 150
Ω, L = 10µH, VPP = 2kV.
Fig. C: Current and Voltage of the ACST4 dur-
ing IEC61000-4-5 standard test with R,L&VPP .
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
I
(A)
T(RMS)
α=180°
P(W)
180°
α
α
Fig. 1: Maximum power dissipation versus RMS
on-state current.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
25
50
75
100
125
Tc(°C)
α=180°
DPAK
TO-220FPAB
I
(A)
T(RMS)
Fig. 2-1:
RMS on-state current versus case
temperature.
www.kersemi.com
Information offers:http://www.kkg.com.cn


Similar Part No. - ACST4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST4 STMICROELECTRONICS-ACST4 Datasheet
91Kb / 9P
   AC POWER SWITCH
ACST4 STMICROELECTRONICS-ACST4 Datasheet
150Kb / 13P
   AC power switch
ACST4 STMICROELECTRONICS-ACST4 Datasheet
161Kb / 13P
   Overvoltage protected AC switch
ACST4-7CB STMICROELECTRONICS-ACST4-7CB Datasheet
91Kb / 9P
   AC POWER SWITCH
ACST4-7CB STMICROELECTRONICS-ACST4-7CB Datasheet
150Kb / 13P
   AC power switch
More results

Similar Description - ACST4

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PM1206 CLARE-PM1206_10 Datasheet
120Kb / 6P
   AC Power Switch
logo
STMicroelectronics
ACST4 STMICROELECTRONICS-ACST4_07 Datasheet
150Kb / 13P
   AC power switch
logo
Clare, Inc.
CPC1963 CLARE-CPC1963 Datasheet
110Kb / 5P
   AC Power Switch
PM1204 CLARE-PM1204_10 Datasheet
120Kb / 6P
   AC Power Switch
PS1201 CLARE-PS1201_10 Datasheet
103Kb / 5P
   AC Power Switch
PS2601 CLARE-PS2601 Datasheet
85Kb / 5P
   AC Power Switch
CPC1972 CLARE-CPC1972_11 Datasheet
127Kb / 7P
   AC Power Switch
CPC1966 CLARE-CPC1966 Datasheet
116Kb / 6P
   AC Power Switch
CPC1943 CLARE-CPC1943_10 Datasheet
125Kb / 6P
   AC Power Switch
PM1204 CLARE-PM1204 Datasheet
128Kb / 5P
   AC Power Switch
PS1201 CLARE-PS1201 Datasheet
85Kb / 5P
   AC Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com