Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C527EZ290-S0800-2 Datasheet(PDF) 4 Page - Cree, Inc

Part # C527EZ290-S0800-2
Description  Cree EZ290-n Gen 2 LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C527EZ290-S0800-2 Datasheet(HTML) 4 Page - Cree, Inc

  C527EZ290-S0800-2 Datasheet HTML 1Page - Cree, Inc C527EZ290-S0800-2 Datasheet HTML 2Page - Cree, Inc C527EZ290-S0800-2 Datasheet HTML 3Page - Cree, Inc C527EZ290-S0800-2 Datasheet HTML 4Page - Cree, Inc C527EZ290-S0800-2 Datasheet HTML 5Page - Cree, Inc C527EZ290-S0800-2 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo,
and EZBright® are registered trademarks, and EZ™ and EZ290-n™ are trademarks of Cree, Inc. Hysol® is a registered trademark
of Henkel Corporation.
4
CPR3EJ Rev A (201503)
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703-8475 USA
Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/chips
Standard Bins for CxxxEZ290-Sxx00-2
LED chips are sorted to the radiant flux and dominant wavelength bins shown. A sorted die sheet contains die from only
one bin. Sorted die kit (CxxxEZ290-Sxxxx-2) orders may be filled with any or all bins (CxxxEZ290-xxxx-2) contained in
the kit. All radiant flux and dominant wavelength values shown are specified at If = 20 mA.
C527EZ290-S0800-2
C527EZ290-0410-2
C527EZ290-0411-2
C527EZ290-0412-2
C527EZ290-0407-2
C527EZ290-0408-2
C527EZ290-0409-2
C527EZ290-0404-2
C527EZ290-0405-2
C527EZ290-0406-2
C527EZ290-0401-2
C527EZ290-0402-2
C527EZ290-0403-2
520
525
530
535
14
12
10
8
Dominant Wavelength (nm)
C470EZ290-S2100-2
C470EZ290-0413-2
C470EZ290-0414-2
C470EZ290-0415-2
C470EZ290-0416-2
C470EZ290-0409-2
C470EZ290-0410-2
C470EZ290-0411-2
C470EZ290-0412-2
C470EZ290-0405-2
C470EZ290-0406-2
C470EZ290-0407-2
C470EZ290-0408-2
C470EZ290-0401-2
C470EZ290-0402-2
C470EZ290-0403-2
C470EZ290-0404-2
30
27
24
21
Dominant Wavelength (nm)
467.5
470
472.5
465
475


Similar Part No. - C527EZ290-S0800-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C527EZ290-S0800-2 CREE-C527EZ290-S0800-2 Datasheet
411Kb / 5P
   EZBright LED RF Performance Lambertian Radiation
logo
Marktech Corporate
C527EZ290-S0800-2 MARKTECH-C527EZ290-S0800-2 Datasheet
411Kb / 5P
   Cree EZ290 Gen II LEDs
More results

Similar Description - C527EZ290-S0800-2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C460EZ290-0213-2 MARKTECH-C460EZ290-0213-2 Datasheet
411Kb / 5P
   Cree EZ290 Gen II LEDs
logo
Cree, Inc
C450EZ900-S38000-2 CREE-C450EZ900-S38000-2_16 Datasheet
359Kb / 6P
   Cree EZ900-n Gen 2 LEDs
C450EZ1000-S38000-2 CREE-C450EZ1000-S38000-2_16 Datasheet
366Kb / 5P
   Cree EZ1000 Gen 2 LEDs
C450EZ600-S20000-2 CREE-C450EZ600-S20000-2_16 Datasheet
271Kb / 5P
   Cree EZ600-n Gen 2 LED
C450EZ400-S09000-2 CREE-C450EZ400-S09000-2_16 Datasheet
230Kb / 5P
   Cree EZ400-n Gen 2 LED
C450EZ500-S11000-2 CREE-C450EZ500-S11000-2_16 Datasheet
395Kb / 6P
   Cree EZ500-n Gen 2 LED
logo
Marktech Corporate
C450EZ1400-0217-2 MARKTECH-C450EZ1400-0217-2 Datasheet
309Kb / 5P
   Cree EZ1400 Gen II LEDs
C450UT190-0317-31 MARKTECH-C450UT190-0317-31 Datasheet
304Kb / 6P
   Cree UltraThin Gen III LEDs
logo
Magnetrol International...
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   Cree UltraThin??Gen III LEDs
logo
Marktech Corporate
C450EZ900-0317-2 MARKTECH-C450EZ900-0317-2 Datasheet
397Kb / 6P
   Cree EZ900 Gen II LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com