Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR3AS-12 Datasheet(PDF) 10 Page - Kersemi Electronic Co., Ltd.

Part # BCR3AS-12
Description  Planar Passivation Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BCR3AS-12 Datasheet(HTML) 10 Page - Kersemi Electronic Co., Ltd.

Back Button BCR3AS-12 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BCR3AS-12 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. BCR3AS-12 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. BCR3AS-12 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. BCR3AS-12 Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. BCR3AS-12 Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. BCR3AS-12 Datasheet HTML 11Page - Kersemi Electronic Co., Ltd. BCR3AS-12 Datasheet HTML 12Page - Kersemi Electronic Co., Ltd. BCR3AS-12 Datasheet HTML 13Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RMS On-State Current (A)
Maximum On-State Power Dissipation
RMS On-State Current (A)
Allowable Case Temperature vs.
RMS On-State Current
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
Junction Temperature (°C)
Repetitive Peak Off-State Current vs.
Junction Temperature
10
8
6
4
2
0
5
0
123
4
160
120
100
60
20
0
4.0
0
0.5
1.5
2.5
3.5
40
80
140
1.0
2.0
3.0
1.6
1.4
1.2
160
120
100
60
20
0
00.2
0.6
1.0
40
80
140
0.4
0.8
103
7
5
3
2
102
104
7
5
3
2
105
7
5
3
2
106
7
5
3
2
20
60
100
160
140
040
80
120
60
20
40
360° Conduction
Resistive,
inductive loads
Curves apply regardless
of conduction angle
360° Conduction
Resistive,
inductive loads
Typical Example
103
5
7
3
2
5
4
4
7
3
2
102
101
20
60
100
160
140
040
80
120
103
7
5
3
2
7
5
3
2
7
5
3
2
102
101
100
20
60
100
160
140
0
40
80
120
60
20
40
60
20
40
Holding Current vs.
Junction Temperature
Junction Temperature (°C)
Latching Current vs.
Junction Temperature
Junction Temperature (°C)
T2+, G+
T2–, G–
Typical Example
Typical Example
Distribution
T2+, G–
Typical Example
Natural convection
No Fins
Curves apply regardless
of conduction angle
Resistive, inductive loads
www.kersemi.com


Similar Part No. - BCR3AS-12

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
BCR3AS-12 TECCOR-BCR3AS-12 Datasheet
2Mb / 223P
   Thyristor Product Catalog
logo
Renesas Technology Corp
BCR3AS-12A RENESAS-BCR3AS-12A Datasheet
112Kb / 7P
   Triac Low Power Use
BCR3AS-12A-A1 RENESAS-BCR3AS-12A-A1 Datasheet
112Kb / 7P
   Triac Low Power Use
BCR3AS-12A RENESAS-BCR3AS-12A_15 Datasheet
131Kb / 9P
   Triac Low Power Use
BCR3AS-12B RENESAS-BCR3AS-12B Datasheet
124Kb / 8P
   Triac Low Power Use
More results

Similar Description - BCR3AS-12

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BCR3KM-12LA KERSEMI-BCR3KM-12LA Datasheet
664Kb / 7P
   Planar Passivation Type
BCR3KM-14L KERSEMI-BCR3KM-14L Datasheet
665Kb / 7P
   Planar Passivation Type
BCR3KM-12LB KERSEMI-BCR3KM-12LB Datasheet
673Kb / 7P
   Planar Passivation Type
BCR16KM-12LA KERSEMI-BCR16KM-12LA Datasheet
1,006Kb / 7P
   Planar Passivation Type
CR6KM-12A KERSEMI-CR6KM-12A Datasheet
607Kb / 6P
   Planar Passivation Type
BCR3KM-12 KERSEMI-BCR3KM-12 Datasheet
832Kb / 12P
   Planar Passivation Type
BCR16KM-12LB KERSEMI-BCR16KM-12LB Datasheet
673Kb / 7P
   Planar Passivation Type
logo
Renesas Technology Corp
BCR08AM RENESAS-BCR08AM Datasheet
93Kb / 6P
   LOW POWER USE PLANAR PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR02AM MITSUBISHI-CR02AM Datasheet
67Kb / 5P
   LOW POWER USE PLANAR PASSIVATION TYPE
CR02AM-4 MITSUBISHI-CR02AM-4 Datasheet
77Kb / 5P
   LOW POWER USE PLANAR PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com