Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C450EZ900-S34000-2 Datasheet(PDF) 2 Page - Cree, Inc

Part # C450EZ900-S34000-2
Description  Cree EZ900-n Gen 2 LEDs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C450EZ900-S34000-2 Datasheet(HTML) 2 Page - Cree, Inc

  C450EZ900-S34000-2 Datasheet HTML 1Page - Cree, Inc C450EZ900-S34000-2 Datasheet HTML 2Page - Cree, Inc C450EZ900-S34000-2 Datasheet HTML 3Page - Cree, Inc C450EZ900-S34000-2 Datasheet HTML 4Page - Cree, Inc C450EZ900-S34000-2 Datasheet HTML 5Page - Cree, Inc C450EZ900-S34000-2 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Copyright © 2008-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree
and the Cree logo are registered trademarks, and EZBright. EZ900-n and EZ are trademarks of Cree, Inc.
2
CPR3DX Rev. B
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703-8475
USA Tel: +1.919.313.5300
Fax: +1.919.313.5870
www.cree.com/chips
Maximum Ratings at T
A = 25°C
Note 1
CxxxEZ900-Sxx000-2
DCForwardCurrent
1000mA
PeakForwardCurrent(1/10dutycycle@1kHz)
1250mA
LEDJunctionTemperature
150°C
ReverseVoltage
5V
OperatingTemperatureRange
-40°Cto+100°C
StorageTemperatureRange
-40°Cto+125°C
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 350 mA
Note 2
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C450EZ900-Sxx000-2
2.9
3.3
3.8
2
20
C460EZ900-Sxx000-2
2.9
3.3
3.8
2
21
C470EZ900-Sxx000-2
2.9
3.3
3.8
2
22
Mechanical Specifications
CxxxEZ900-Sxx000-2
Description
Dimensions
Tolerance
P-NJunctionArea(μm)
850x850
±35
ChipArea(μm)
880x880
±35
ChipThickness(μm)
170
±25
TopAuBondPad(μm)-Qty.2
150x150
±25
AuBondPadThickness(μm)
3.0
±1.5
BackContactMetalArea(μm)
880x880
±35
BackContactMetalThickness(μm)
3.0
±1.5
Notes:
1.
Maximumratingsarepackage-dependent.Theaboveratingsweredeterminedusinga3.45x3.45mmSMTwithoutanencapsulant
forcharacterization.Ratingsforotherpackagesmaydiffer.Thejunctiontemperatureshouldbecharacterizedinaspecificpackage
todeterminelimitations.Assemblyprocessingtemperaturemustnotexceed325°C(<5seconds).SeeCreeEZBrightApplications
Noteforassembly-processinformation.
2.
Allproductsconformtothelistedminimumandmaximumspecificationsforelectricalandopticalcharacteristicswhenassembled
andoperatedat350mAwithinthemaximumratingsshownabove.Efficiencydecreasesathighercurrents.Typicalvaluesgiven
arewithintherangeofaveragevaluesexpectedbythemanufacturerinlargequantitiesandareprovidedforinformationonly.All
measurementsweremadeusingaAu-platedTO39headerwithoutanencapsulant.Opticalcharacteristicsweremeasuredinan
integratingsphereusingIlluminanceE.
0
200
400
600
800
1000
1200
25
50
75
100
125
150
175
Ambient Temperature (˚C)
Rth j-a = 10 °C/W
Rth j-a = 15 °C/W
Rth j-a = 20 °C/W
Rth j-a = 25 °C/W


Similar Part No. - C450EZ900-S34000-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450EZ900-S34000-2 CREE-C450EZ900-S34000-2 Datasheet
397Kb / 6P
   EZBright LED Technology Lambertian Radiation
More results

Similar Description - C450EZ900-S34000-2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450EZ900-0317-2 MARKTECH-C450EZ900-0317-2 Datasheet
397Kb / 6P
   Cree EZ900 Gen II LEDs
logo
Cree, Inc
C450EZ290-S2400-2 CREE-C450EZ290-S2400-2 Datasheet
322Kb / 6P
   Cree EZ290-n Gen 2 LEDs
C450EZ1000-S38000-2 CREE-C450EZ1000-S38000-2_16 Datasheet
366Kb / 5P
   Cree EZ1000 Gen 2 LEDs
C450EZ600-S20000-2 CREE-C450EZ600-S20000-2_16 Datasheet
271Kb / 5P
   Cree EZ600-n Gen 2 LED
C450EZ400-S09000-2 CREE-C450EZ400-S09000-2_16 Datasheet
230Kb / 5P
   Cree EZ400-n Gen 2 LED
C450EZ500-S11000-2 CREE-C450EZ500-S11000-2_16 Datasheet
395Kb / 6P
   Cree EZ500-n Gen 2 LED
logo
Marktech Corporate
C460EZ290-0213-2 MARKTECH-C460EZ290-0213-2 Datasheet
411Kb / 5P
   Cree EZ290 Gen II LEDs
C450EZ1400-0217-2 MARKTECH-C450EZ1400-0217-2 Datasheet
309Kb / 5P
   Cree EZ1400 Gen II LEDs
C450UT190-0317-31 MARKTECH-C450UT190-0317-31 Datasheet
304Kb / 6P
   Cree UltraThin Gen III LEDs
logo
Magnetrol International...
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   Cree UltraThin??Gen III LEDs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com