Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR3KM-12LA-A8 Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # BCR3KM-12LA-A8
Description  Planar Passivation Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BCR3KM-12LA-A8 Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  BCR3KM-12LA-A8 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BCR3KM-12LA-A8 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BCR3KM-12LA-A8 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BCR3KM-12LA-A8 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BCR3KM-12LA-A8 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BCR3KM-12LA-A8 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. BCR3KM-12LA-A8 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BCR3KM-12LA
Performance Curves
Maximum On-State Characteristics
On-State Voltage (V)
Rated Surge On-State Current
Conduction Time (Cycles at 60Hz)
Gate Characteristics (I, II and III)
Gate Current (mA)
Gate Trigger Voltage vs.
Junction Temperature
Junction Temperature (°C)
Gate Trigger Current vs.
Junction Temperature
Junction Temperature (°C)
Maximum Transient Thermal Impedance
Characteristics (Junction to case)
Conduction Time (Cycles at 60Hz)
3.8
0.6
1.4
2.2
3.0
1.0
1.8
2.6
3.4
10
2
10
1
10
0
10
–1
5
7
2
3
5
7
2
3
5
7
2
3
10
0
10
1
10
2
37
25
3
7
25
40
30
20
0
5
10
15
25
35
10
2
7
5
3
2
7
5
3
2
7
5
3
2
10
1
10
0
10
–1
–60 –40–20 0 20 40 60 80 100 120 140
23 5 710
1
10
0
23 5 710
2
23 5 710
3
–60 –40–20 0 20 40 60 80 100 120 140
10
3
7
5
3
2
7
5
3
2
10
2
10
1
10
3
7
5
3
2
7
5
3
2
10
2
10
1
23 5 710
0
10
–1
23 5 7
23 5 710
3
23 5 7
10
1
23 5 710
2
10
2
0
1.5
1.0
0.5
2.5
2.0
4.5
4.0
3.5
3.0
5.0
Tj = 25°C
Typical Example
IRGT III
IFGT I, IRGT I
PG(AV) = 0.3W
PGM = 3W
VGT
IRGT I
IFGT I, IRGT III
VGD = 0.2V
IGM =
0.5A
Typical Example
www.kersemi.com


Similar Part No. - BCR3KM-12LA-A8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3KM-12LA-A8 RENESAS-BCR3KM-12LA-A8 Datasheet
140Kb / 8P
   Triac Low Power Use
More results

Similar Description - BCR3KM-12LA-A8

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BCR3AS-12 KERSEMI-BCR3AS-12 Datasheet
1Mb / 13P
   Planar Passivation Type
BCR3KM-14L KERSEMI-BCR3KM-14L Datasheet
665Kb / 7P
   Planar Passivation Type
BCR3KM-12LB KERSEMI-BCR3KM-12LB Datasheet
673Kb / 7P
   Planar Passivation Type
BCR16KM-12LA KERSEMI-BCR16KM-12LA Datasheet
1,006Kb / 7P
   Planar Passivation Type
CR6KM-12A KERSEMI-CR6KM-12A Datasheet
607Kb / 6P
   Planar Passivation Type
BCR3KM-12 KERSEMI-BCR3KM-12 Datasheet
832Kb / 12P
   Planar Passivation Type
BCR16KM-12LB KERSEMI-BCR16KM-12LB Datasheet
673Kb / 7P
   Planar Passivation Type
logo
Renesas Technology Corp
BCR08AM RENESAS-BCR08AM Datasheet
93Kb / 6P
   LOW POWER USE PLANAR PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR02AM MITSUBISHI-CR02AM Datasheet
67Kb / 5P
   LOW POWER USE PLANAR PASSIVATION TYPE
CR02AM-4 MITSUBISHI-CR02AM-4 Datasheet
77Kb / 5P
   LOW POWER USE PLANAR PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com