Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR3KM-14LA Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # BCR3KM-14LA
Description  Planar Passivation Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BCR3KM-14LA Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  BCR3KM-14LA Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BCR3KM-14LA Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BCR3KM-14LA Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BCR3KM-14LA Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BCR3KM-14LA Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BCR3KM-14LA Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. BCR3KM-14LA Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BCR3KM-14L
Maximum Transient Thermal Impedance
Characteristics (Junction to ambient)
Conduction Time (Cycles at 60Hz)
RMS On-State Current (A)
Maximum On-State Power Dissipation
RMS On-State Current (A)
Allowable Case Temperature vs.
RMS On-State Current
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
Junction Temperature (°C)
Repetitive Peak Off-State Current vs.
Junction Temperature
102
101
7
5
4
3
2
100
7
5
4
3
2
3.0
2.0
1.0
5.0
4.0
0
01.0
4.0
2.0
3.0
0.5
3.5
1.5
2.5
23
102
57103 23 5 7104 23 5 7105
40
160
120
100
60
20
0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
80
140
160
120
100
60
20
0
4.0
0
0.5
1.5
2.5
3.5
40
80
140
1.0
2.0
3.0
160
120
100
60
20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
40
80
140
140
40
–40
–60
–20 0
20
60 80 100 120
105
7
5
3
2
104
7
5
3
2
103
7
5
3
2
102
360° Conduction
Resistive,
inductive loads
Curves apply regardless
of conduction angle
360° Conduction
Resistive,
inductive loads
Natural convection
No Fins
Curves apply regardless
of conduction angle
Resistive, inductive loads
All fins are black painted
aluminum and greased
100
× 100 × t2.3
120
× 120 × t2.3
60
× 60 × t2.3
Curves apply
regardless of
conduction angle
Resistive,
inductive loads
Natural convection
Typical Example
www.kersemi.com


Similar Part No. - BCR3KM-14LA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3KM-14LA RENESAS-BCR3KM-14LA Datasheet
140Kb / 8P
   Triac Low Power Use
BCR3KM-14LA-A8 RENESAS-BCR3KM-14LA-A8 Datasheet
140Kb / 8P
   Triac Low Power Use
More results

Similar Description - BCR3KM-14LA

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BCR3AS-12 KERSEMI-BCR3AS-12 Datasheet
1Mb / 13P
   Planar Passivation Type
BCR3KM-12LA KERSEMI-BCR3KM-12LA Datasheet
664Kb / 7P
   Planar Passivation Type
BCR3KM-12LB KERSEMI-BCR3KM-12LB Datasheet
673Kb / 7P
   Planar Passivation Type
BCR16KM-12LA KERSEMI-BCR16KM-12LA Datasheet
1,006Kb / 7P
   Planar Passivation Type
CR6KM-12A KERSEMI-CR6KM-12A Datasheet
607Kb / 6P
   Planar Passivation Type
BCR3KM-12 KERSEMI-BCR3KM-12 Datasheet
832Kb / 12P
   Planar Passivation Type
BCR16KM-12LB KERSEMI-BCR16KM-12LB Datasheet
673Kb / 7P
   Planar Passivation Type
logo
Renesas Technology Corp
BCR08AM RENESAS-BCR08AM Datasheet
93Kb / 6P
   LOW POWER USE PLANAR PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR02AM MITSUBISHI-CR02AM Datasheet
67Kb / 5P
   LOW POWER USE PLANAR PASSIVATION TYPE
CR02AM-4 MITSUBISHI-CR02AM-4 Datasheet
77Kb / 5P
   LOW POWER USE PLANAR PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com