Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR16KM-12LA Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # BCR16KM-12LA
Description  Planar Passivation Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BCR16KM-12LA Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  BCR16KM-12LA Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BCR16KM-12LA Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BCR16KM-12LA Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BCR16KM-12LA Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BCR16KM-12LA Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BCR16KM-12LA Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. BCR16KM-12LA Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BCR16KM-12LA
Performance Curves
Maximum On-State Characteristics
On-State Voltage (V)
Rated Surge On-State Current
Conduction Time (Cycles at 60Hz)
Gate Characteristics (I, II and III)
Gate Current (mA)
Gate Trigger Voltage vs.
Junction Temperature
Junction Temperature (°C)
Gate Trigger Current vs.
Junction Temperature
Junction Temperature (°C)
Maximum Transient Thermal Impedance
Characteristics (Junction to case)
Conduction Time (Cycles at 60Hz)
100
25
101
80
40
37
102
42
5
37
4
120
160
200
60
20
100
140
180
0
4.4
0.4
1.2
2.4
3.2
0.8
1.6 2.0
2.8
3.6 4.0
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
100
23
101
57 102 23 5 7 103 23 5 7 104
3
2
101
7
5
3
2
7
5
7
5
3
2
10–1
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
101
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140
4
4
–40
0
40
80
120
23
10–1
57 100 23 5 7 101 23 5 7 102
3.5
4.0
4.5
3.0
2.5
2.0
1.5
1.0
0.5
5.0
0
23
102
57 103 23
Tj = 125°C
Tj = 25°C
VGM = 10V
PG(AV) = 0.5W
PGM = 5W
IGM = 2A
VGT = 1.5V
VGD = 0.2V
IFGT I, IRGT I, IRGT III
Typical Example
IRGT III
IFGT I, IRGT I
Typical Example
www.kersemi.com


Similar Part No. - BCR16KM-12LA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR16KM-12LA RENESAS-BCR16KM-12LA Datasheet
139Kb / 8P
   Triac Medium Power Use
BCR16KM-12LA-A8 RENESAS-BCR16KM-12LA-A8 Datasheet
139Kb / 8P
   Triac Medium Power Use
More results

Similar Description - BCR16KM-12LA

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BCR3AS-12 KERSEMI-BCR3AS-12 Datasheet
1Mb / 13P
   Planar Passivation Type
BCR3KM-12LA KERSEMI-BCR3KM-12LA Datasheet
664Kb / 7P
   Planar Passivation Type
BCR3KM-14L KERSEMI-BCR3KM-14L Datasheet
665Kb / 7P
   Planar Passivation Type
BCR3KM-12LB KERSEMI-BCR3KM-12LB Datasheet
673Kb / 7P
   Planar Passivation Type
CR6KM-12A KERSEMI-CR6KM-12A Datasheet
607Kb / 6P
   Planar Passivation Type
BCR3KM-12 KERSEMI-BCR3KM-12 Datasheet
832Kb / 12P
   Planar Passivation Type
BCR16KM-12LB KERSEMI-BCR16KM-12LB Datasheet
673Kb / 7P
   Planar Passivation Type
logo
Renesas Technology Corp
BCR08AM RENESAS-BCR08AM Datasheet
93Kb / 6P
   LOW POWER USE PLANAR PASSIVATION TYPE
logo
Mitsubishi Electric Sem...
CR02AM MITSUBISHI-CR02AM Datasheet
67Kb / 5P
   LOW POWER USE PLANAR PASSIVATION TYPE
CR02AM-4 MITSUBISHI-CR02AM-4 Datasheet
77Kb / 5P
   LOW POWER USE PLANAR PASSIVATION TYPE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com