Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C460TR3547M-S7600 Datasheet(PDF) 2 Page - Cree, Inc

Part # C460TR3547M-S7600
Description  Low Forward Voltage - 3.2 Vf Typical at 50 mA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C460TR3547M-S7600 Datasheet(HTML) 2 Page - Cree, Inc

  C460TR3547M-S7600 Datasheet HTML 1Page - Cree, Inc C460TR3547M-S7600 Datasheet HTML 2Page - Cree, Inc C460TR3547M-S7600 Datasheet HTML 3Page - Cree, Inc C460TR3547M-S7600 Datasheet HTML 4Page - Cree, Inc C460TR3547M-S7600 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree
and the Cree logo are registered trademarks, and TR and TR3470M are trademarks of Cree, Inc.
2
CPR3FL Rev. A
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703-8475 USA
Tel: +1-919-313-5300
Fax: +1-919-313-5870
www.cree.com/chips
Maximum Ratings at T
A = 25°C
Notes 1&3
CxxxTR3547M-Sxx00
DCForwardCurrent
150mA
PeakForwardCurrent(1/10dutycycle@1kHz)
200mA
LEDJunctionTemperature
150°C
ReverseVoltage
5V
OperatingTemperatureRange
-40°Cto+100°C
LEDChipStorageTemperature
-40°Cto+120°C
RecommendedDieSheetStorageConditions
≤30°C/≤85%RH
ElectrostaticDischargeThreshold(HBM)Note2
1000V
ElectrostaticDischargeClassification(MIL-STD-883E)Note2
Class2
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 50 mA
Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C450TR3547M-Sxx00
2.8
3.2
3.5
2
20
C460TR3547M-Sxx00
2.8
3.2
3.5
2
21
Mechanical Specifications
CxxxTR3547M-Sxx00
Description
Dimension
Tolerance
P-NJunctionArea(μm)
310x430
±35
ChipArea(μm)
350x470
±35
ChipThickness(μm)
155
±15
AuBondPadDiameterAnode(μm)
90
-5,+15
AuBondPadThicknesses(μm)
1.0
±0.5
AuBondPadAreaCathode(μm)
98x98
-5,+15
BottomArea(μm)
200x320
±35
BottomContactMetal(μm)
160x280
±25
BottomContactMetalThickness(μm)
3.0
±1.0
Notes:
1. Maximumratingsarepackage-dependent.TheaboveratingsweredeterminedusingaCreeSMTpackage(withsiliconeencapsulation
andintrinsicAuSnmetaldieattach)forcharacterization.Ratingsforotherpackagesmaydiffer.Junctiontemperatureshouldbe
characterized in a specific package to determine limitations. Assembly processing temperature must not exceed 325°C (< 5
seconds).
2. Productresistancetoelectrostaticdischarge(ESD)accordingtotheHBMismeasuredbysimulatingESDusingarapidavalanche
energytest(RAET).TheRAETproceduresaredesignedtoapproximatethemaximumESDratingsshown.
3. Allproductsconformtothelistedminimumandmaximumspecificationsforelectricalandopticalcharacteristicswhenassembled
andoperatedat50mAwithinthemaximumratingsshownabove.Efficiencydecreasesathighercurrents.Typicalvaluesgiven
arewithintherangeofaveragevaluesexpectedbymanufacturerinlargequantitiesandareprovidedforinformationonly.All
measurementsweremadeusinglampsinT-13/4packages(withHysolOS4000epoxyencapsulantandintrinsicAuSnmetaldie
attach).OpticalcharacteristicsmeasuredinanintegratingsphereusingIlluminanceE.


Similar Part No. - C460TR3547M-S7600

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460TR3547-0205 CREE-C460TR3547-0205 Datasheet
449Kb / 5P
   Rectangular LED RF performance Maximum DC forward current 150 mA
logo
Marktech Corporate
C460TR3547-0205 MARKTECH-C460TR3547-0205 Datasheet
449Kb / 5P
   TR3547 LEDs
logo
Cree, Inc
C460TR3547-0206 CREE-C460TR3547-0206 Datasheet
449Kb / 5P
   Rectangular LED RF performance Maximum DC forward current 150 mA
logo
Marktech Corporate
C460TR3547-0206 MARKTECH-C460TR3547-0206 Datasheet
449Kb / 5P
   TR3547 LEDs
logo
Cree, Inc
C460TR3547-0207 CREE-C460TR3547-0207 Datasheet
449Kb / 5P
   Rectangular LED RF performance Maximum DC forward current 150 mA
More results

Similar Description - C460TR3547M-S7600

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR3547-S7500 CREE-C450TR3547-S7500_16 Datasheet
356Kb / 5P
   Low forward voltage - 3.2 Vf typical at 50 mA
C460XT290-S2400-A CREE-C460XT290-S2400-A Datasheet
238Kb / 6P
   Low Forward Voltage - 3.2 Typical at 20 mA
C460MB290-S0800 CREE-C460MB290-S0800 Datasheet
527Kb / 5P
   Low Forward Voltage 3.2 V Typical at 20 mA
C450TR5270M-S20000 CREE-C450TR5270M-S20000_16 Datasheet
515Kb / 6P
   Low Forward Voltage -3.2 V Typical at 120 mA
C450TR5270-S20000 CREE-C450TR5270-S20000_16 Datasheet
552Kb / 6P
   Low Forward Voltage - 3.2 V Typical at 120 mA
C460RT260-S1600 CREE-C460RT260-S1600_16 Datasheet
196Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600 Datasheet
387Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT290-S0200 CREE-C460RT290-S0200_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT230-S0200 CREE-C460RT230-S0200_16 Datasheet
248Kb / 4P
   Low Forward Voltage 3.1 V Typical at 20 mA - Blue & Traffic Green, 3.2 V Typical at 20 mA Green
C460UT230-S0100 CREE-C460UT230-S0100_16 Datasheet
208Kb / 4P
   Low Forward Voltage 3.3V Typical at 20 mA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com