Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOT5100T-832 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # GOT5100T-832
Description  Supports WLAN module & internal antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT5100T-832 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  GOT5100T-832_16 Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT5100T-832_16 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
508
Overview
Fanless
Touch Panel
Computers
Heavy-duty
Fanless Touch
Panel Computers
Industrial
Touch Panel
Computers
Industrial Touch
panel Monitors
Infotainment
Touch Panel
Computers
Open
Frame Panel
Computers
Healthcare
& Medical
Solutions
Accessories
1
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Ordering Information
Specifications
Optional EOS Installation
Optional OS Installation
Dimensions
GOT5100T-832-J
8.4" SVGA fanless touch panel computer with Intel®
Atom™ processor N2600, 5-wire resistive touch screen
AC-DC 60W power adapter (screw type connector) and EMI
class B
GOT5100T-832-DC
8.4" SVGA fanless touch panel computer with Intel®
Atom™ processor N2600, 5-wire resistive touch screen and
10~30VDC power input(terminal block connector)
* Specification and certifications are based on options and may vary.
WES
WES 7
Windows® XP
Windows® 7
I/O Connector
1 x RS-232/422/485 (default RS-232, COM 1)
1 x RS-232 (COM 2)
2 x 10/100/1000Mbps Ethernet
4 x USB 2.0
1 x Audio (Line-out)
Expansion Interface
1 x PCIe Mini Card
Touchscreen
Resistive type
Power Supply
1. DC version: 10~30VDC with over-current protection fuse
2. AC version: 100-240V AC-DC 60W power adapter
Dimension
292.5 mm (11.52") (W) x 45.8 mm (1.80") (D)
x 235.8 mm (9.28") (H)
Packing Dimensions
415 mm (16.34") (W) x 100 mm (3.94") (D)
x 315 mm (12.4") (H)
Weight (net/gross)
1.8 kg (3.96 lb)/3 kg (6.61 lb)
Environment
Operating temperature:
0° ~ +50°C (+32°F ~ +122°F)
(with W.T. DRAM/HDD in airflow condition)
0° ~ +45°C (+32°F ~ +113°F) (with W.T. DRAM/HDD)
Storage Temperature:
0° ~ +50°C (+32°F ~ +122°F) (in airflow condition)
Relative humidity:
20% ~ 90% @ 40°C; non-condensing
Operation vibration:
2G, 5~500Hz, random for CompactFlash™
Certificate
UL60950-1, CE
AC power adapter
(for GOT5100T-832-J)


Similar Part No. - GOT5100T-832_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT5100T-832 AXIOMTEK-GOT5100T-832_17 Datasheet
493Kb / 2P
   10.4 SVGA TFT LCD display with LED backlight
More results

Similar Description - GOT5100T-832_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT5840T-834 AXIOMTEK-GOT5840T-834 Datasheet
527Kb / 2P
   Supports WLAN module & internal antenna
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT_16 Datasheet
498Kb / 2P
   Supports WLAN module & antenna
GOT3187W-881-PCT AXIOMTEK-GOT3187W-881-PCT Datasheet
1Mb / 2P
   Supports WLAN module & antenna (optional)
GOT-3846T-832 AXIOMTEK-GOT-3846T-832 Datasheet
311Kb / 2P
   Supports WLAN module & external antenna
GOT-3126TL-830 AXIOMTEK-GOT-3126TL-830 Datasheet
389Kb / 2P
   Supports WLAN antenna
GOT-3156T-823 AXIOMTEK-GOT-3156T-823 Datasheet
264Kb / 2P
   Supports WLAN antenna
GOT-3571T AXIOMTEK-GOT-3571T Datasheet
344Kb / 2P
   Supports WLAN antenna
GOT-3570T AXIOMTEK-GOT-3570T Datasheet
344Kb / 2P
   Supports WLAN antenna
GOT3846T-832 AXIOMTEK-GOT3846T-832 Datasheet
406Kb / 2P
   Supports WLAN module and external antenna
logo
Pulse A Technitrol Comp...
W3078 PULSE-W3078 Datasheet
1Mb / 13P
   Dualband WLAN Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com