Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C450TR5270M-S21000-3 Datasheet(PDF) 3 Page - Cree, Inc

Part # C450TR5270M-S21000-3
Description  Low Forward Voltage -3.2 V Typical at 120 mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C450TR5270M-S21000-3 Datasheet(HTML) 3 Page - Cree, Inc

  C450TR5270M-S21000-3 Datasheet HTML 1Page - Cree, Inc C450TR5270M-S21000-3 Datasheet HTML 2Page - Cree, Inc C450TR5270M-S21000-3 Datasheet HTML 3Page - Cree, Inc C450TR5270M-S21000-3 Datasheet HTML 4Page - Cree, Inc C450TR5270M-S21000-3 Datasheet HTML 5Page - Cree, Inc C450TR5270M-S21000-3 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree
and the Cree logo are registered trademarks, and TR and TR5270M are trademarks of Cree, Inc.
3
CPR3EW Rev. A
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703-8475 USA
Tel: +1-919-313-5300
Fax: +1-919-313-5870
www.cree.com/chips
Maximum Ratings at T
A = 25°C
Notes 1, 3 & 4
CxxxTR5270M-Sxx00 and CxxxTR5270M-Sxx00-3
DCForwardCurrent
250mA
PeakForwardCurrent(1/10dutycycle@1kHz)
300mA
LEDJunctionTemperature
150°C
ReverseVoltage
5V
OperatingTemperatureRange
-40°Cto+100°C
LEDChipStorageTemperature
-40°Cto+120°C
RecommendedDieSheetStorageConditions
≤30°C/≤85%RH
ElectrostaticDischargeThreshold(HBM)Note2
1000V
ElectrostaticDischargeClassification(MIL-STD-883E)Note2
Class2
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 120 mA
Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C450TR5270M-Sxx000
2.7
3.2
3.5
2
20
C460TR5270M-Sxx000
2.7
3.2
3.5
2
21
C450TR5270M-Sxx000-3
2.7
3.2
3.5
2
20
C460TR5270M-Sxx000-3
2.7
3.2
3.5
2
21
Notes:
1. Maximum ratings are package-dependent. The above ratings were determined using lamps in chip-on-MCPCB (metal core PCB) packages for
characterization.Ratingsforotherpackagesmaydiffer.Junctiontemperatureshouldbecharacterizedinaspecificpackagetodeterminelimitations.
Assemblyprocessingtemperaturemustnotexceed325°C(<5seconds).
2. Productresistancetoelectrostaticdischarge(ESD)accordingtotheHBMismeasuredbysimulatingESDusingarapidavalancheenergytest(RAET).
TheRAETproceduresaredesignedtoapproximatethemaximumESDratingsshown.
3. Allproductsconformtothelistedminimumandmaximumspecificationsforelectricalandopticalcharacteristicswhenassembledandoperatedat120
mAwithinthemaximumratingsshownabove.Efficiencydecreasesathighercurrents.Typicalvaluesgivenarewithintherangeofaveragevalues
expectedbymanufacturerinlargequantitiesandareprovidedforinformationonly.AllmeasurementsweremadeusinglampsinT-13/4packages
(withHysolOS4000epoxyencapsulantandclearepoxydieattach).OpticalcharacteristicsmeasuredinanintegratingsphereusingIlluminanceE.
4. ThemaximumforwardcurrentisdeterminedbythethermalresistancebetweentheLEDjunctionandambient.Itiscrucialfortheend-producttobe
designedinamannerthatminimizesthethermalresistancefromtheLEDjunctiontoambientinordertooptimizeproductperformance.
Max If (mA)
250
Max Vf @Max If (V)
3.5
Max Tj (Deg C)
150
Max Power (W)
0.875
Thermal Resistance (C/W)
10
20
30
If @ Tamb
Rth (j-A) =
Tamb
Tamb
250
25
25
25
250
141.25
132.5
123.75
0
150
150
150
0
50
100
150
200
250
300
50
75
100
125
150
175
Ambient Temperature (
C)
Rth j-a = 10 C/W
Rth j-a = 20 C/W
Rth j-a = 30 C/W
Rth j-a = 40 C/W


Similar Part No. - C450TR5270M-S21000-3

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450TR5270M-S21000-3 MARKTECH-C450TR5270M-S21000-3 Datasheet
502Kb / 6P
   TR5270M LEDs
More results

Similar Description - C450TR5270M-S21000-3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR5270-S20000 CREE-C450TR5270-S20000_16 Datasheet
552Kb / 6P
   Low Forward Voltage - 3.2 V Typical at 120 mA
C460MB290-S0800 CREE-C460MB290-S0800 Datasheet
527Kb / 5P
   Low Forward Voltage 3.2 V Typical at 20 mA
C460XT290-S2400-A CREE-C460XT290-S2400-A Datasheet
238Kb / 6P
   Low Forward Voltage - 3.2 Typical at 20 mA
C450TR5050-S18000 CREE-C450TR5050-S18000_16 Datasheet
550Kb / 5P
   Low Forward Voltage - 3.3 V Typical at 120 mA
C460RT260-S1600 CREE-C460RT260-S1600_16 Datasheet
196Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600 Datasheet
387Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT290-S0200 CREE-C460RT290-S0200_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C450TR3547-S7500 CREE-C450TR3547-S7500_16 Datasheet
356Kb / 5P
   Low forward voltage - 3.2 Vf typical at 50 mA
C450TR3547M-S7600 CREE-C450TR3547M-S7600 Datasheet
289Kb / 5P
   Low Forward Voltage - 3.2 Vf Typical at 50 mA
C460RT230-S0200 CREE-C460RT230-S0200_16 Datasheet
248Kb / 4P
   Low Forward Voltage 3.1 V Typical at 20 mA - Blue & Traffic Green, 3.2 V Typical at 20 mA Green
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com