Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C470UT170-S1000-31 Datasheet(PDF) 4 Page - Cree, Inc

Part # C470UT170-S1000-31
Description  Single Wire Bond Structure
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C470UT170-S1000-31 Datasheet(HTML) 4 Page - Cree, Inc

  C470UT170-S1000-31 Datasheet HTML 1Page - Cree, Inc C470UT170-S1000-31 Datasheet HTML 2Page - Cree, Inc C470UT170-S1000-31 Datasheet HTML 3Page - Cree, Inc C470UT170-S1000-31 Datasheet HTML 4Page - Cree, Inc C470UT170-S1000-31 Datasheet HTML 5Page - Cree, Inc C470UT170-S1000-31 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
© 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo,
G•SiC® and UltraThin® are registered trademarks, and UT™ is a trademark of Cree, Inc. Hysol® is a registered trademark of
Henkel Corporation.
4
CPR3GQ Rev. - (201409)
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703-8475 USA
Tel: +1-919-313-5300
Fax: +1-919-313-5870
www.cree.com/chips
Standard Bins for CxxxUT170-Sxxxx-31 (continued)
LEDchipsaresortedtotheradiant flux(RF)anddominant wavelength(DW)binsshown.Sorteddiesheetscontain
diefromonlyonebin.Sorteddiekit(CxxxUT170-Sxxxx-31)ordersmaybefilledwithanyorallbins(CxxxUT170-
xxxx-31)containedinthekit.AllRFvaluesaremeasuredatIf=20mAandallDWvaluesaremeasuredatIf=5mA.
C470UT170-S1000-31
C470UT170-0109-31
C470UT170-0110-31
C470UT170-0111-31
C470UT170-0112-31
C470UT170-0105-31
C470UT170-0106-31
C470UT170-0107-31
C470UT170-0108-31
C470UT170-0101-31
C470UT170-0102-31
C470UT170-0103-31
C470UT170-0104-31
14
12
10
467.5
470
472.5
465
475
C527UT170-S0400-31
C527UT170-0110-31
C527UT170-0111-31
C527UT170-0112-31
C527UT170-0107-31
C527UT170-0108-31
C527UT170-0109-31
C527UT170-0104-31
C527UT170-0105-31
C527UT170-0106-31
C527UT170-0101-31
C527UT170-0102-31
C527UT170-0103-31
Dominant Wavelength (nm)
Dominant Wavelength (nm)
7
6
5
4
525
530
535
520


Similar Part No. - C470UT170-S1000-31

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C470UT190-0301-30 CREE-C470UT190-0301-30 Datasheet
300Kb / 6P
   Small Chip 190 x 190 x 85 Single Wire Bond Structure
logo
Marktech Corporate
C470UT190-0301-30 MARKTECH-C470UT190-0301-30 Datasheet
300Kb / 6P
   Cree UltraThin Gen III LEDs
C470UT190-0301-31 MARKTECH-C470UT190-0301-31 Datasheet
304Kb / 6P
   Cree UltraThin Gen III LEDs
logo
Cree, Inc
C470UT190-0302-30 CREE-C470UT190-0302-30 Datasheet
300Kb / 6P
   Small Chip 190 x 190 x 85 Single Wire Bond Structure
logo
Marktech Corporate
C470UT190-0302-30 MARKTECH-C470UT190-0302-30 Datasheet
300Kb / 6P
   Cree UltraThin Gen III LEDs
More results

Similar Description - C470UT170-S1000-31

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450UT190-S1400-30 CREE-C450UT190-S1400-30 Datasheet
300Kb / 6P
   Small Chip 190 x 190 x 85 Single Wire Bond Structure
logo
List of Unclassifed Man...
ATCWBR1 ETC2-ATCWBR1 Datasheet
124Kb / 2P
   Wire Bond Resistors
logo
HOKURIKU ELECTRIC INDUS...
CR16AU-103JV HOKURIKU-CR16AU-103JV Datasheet
152Kb / 1P
   Wire-bond Purpose Chip Resistor
logo
Knowles Electronics
L117XH4W KNOWLES-L117XH4W Datasheet
304Kb / 2P
   11.7GHz Wire bond Low-Pass Filter
L157XF3W KNOWLES-L157XF3W Datasheet
302Kb / 2P
   15.7GHz Wire bond Low-Pass Filter
L185XF4W KNOWLES-L185XF4W Datasheet
303Kb / 2P
   18.5GHz Wire bond Low-Pass Filter
logo
Infineon Technologies A...
TT190N16SOF INFINEON-TT190N16SOF Datasheet
912Kb / 11P
   Solder-Bond Technology
2017-06-14 Revision: 3.2
TT320N16SOF INFINEON-TT320N16SOF Datasheet
988Kb / 11P
   Solder-Bond Technology
2017-06-14 Revision: 3.7
DD340N20S INFINEON-DD340N20S Datasheet
578Kb / 10P
   Solder-Bond Technology
2017-06-21 Revision 3.7
logo
TOKYO SEIMITSU CO., LTD
HM ACCRETECH-HM Datasheet
420Kb / 2P
   METAL BOND BLADES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com