Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C470RT230-S0200 Datasheet(PDF) 2 Page - Cree, Inc

Part # C470RT230-S0200
Description  Low Forward Voltage 3.1 V Typical at 20 mA - Blue & Traffic Green, 3.2 V Typical at 20 mA Green
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C470RT230-S0200 Datasheet(HTML) 2 Page - Cree, Inc

  C470RT230-S0200 Datasheet HTML 1Page - Cree, Inc C470RT230-S0200 Datasheet HTML 2Page - Cree, Inc C470RT230-S0200 Datasheet HTML 3Page - Cree, Inc C470RT230-S0200 Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Copyright © 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo, G•SiC and RazerThin are registered trademarks, and RT230 is a trademark of Cree, Inc.
2
CPR3CO Rev. A
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703-8475 USA
Tel: +1-919-313-5300
Fax: +1-919-313-5870
www.cree.com/chips
Maximum Ratings at T
A = 25°C
Notes 1&3
CxxxRT230-S0200
DCForwardCurrent
30mA
PeakForwardCurrent(1/10dutycycle@1kHz)
100mA
LEDJunctionTemperature
125°C
ReverseVoltage
5V
OperatingTemperatureRange
-40°Cto+100°C
StorageTemperatureRange
-40°Cto+100°C
ElectrostaticDischargeThreshold(HBM)Note2
1000V
ElectrostaticDischargeClassification(MIL-STD-883E)Note2
Class2
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 20 mA
Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C460RT230-S0200
2.7
3.1
3.7
2
21
C470RT230-S0200
2.7
3.1
3.7
2
22
C505RT230-S0200
2.7
3.1
3.7
2
30
C527RT230-S0200
2.7
3.2
3.7
2
35
Mechanical Specifications
CxxxRT230-S0200
Description
Dimension
Tolerance
P-NJunctionArea(μm)
176x176
±25
TopArea(μm)
200x200
±25
BottomArea(μm)
200x200
±25
ChipThickness(μm)
85
±10
AuBondPadDiameter(μm)
105
-5,+15
AuBondPadThickness(μm)
1.2
±0.5
BackContactMetalArea(μm)
80x80
±25
Notes:
1. Maximum ratings are package dependent. The above ratings were determined using a T-1 3/4 package (with Hysol OS4000
epoxy)forcharacterization.Ratingsforotherpackagesmaydiffer.Theforwardcurrents(DCandPeak)arenotlimitedbythedie
butbytheeffectoftheLEDjunctiontemperatureonthepackage.Thejunctiontemperaturelimitof125°CisalimitoftheT-1
3/4package;junctiontemperatureshouldbecharacterizedinaspecificpackagetodeterminelimitations.Assemblyprocessing
temperaturemustnotexceed325°C(<5seconds).
2. Productresistancetoelectrostaticdischarge(ESD)accordingtotheHBMismeasuredbysimulatingESDusingarapidavalanche
energytest(RAET).TheRAETproceduresaredesignedtoapproximatethemaximumESDratingsshown.TheRAETprocedureis
performedoneachdie.TheESDclassificationofClass2isbasedonsampletestingaccordingtoMIL-STD-883E.
3. Allproductsconformtothelistedminimumandmaximumspecificationsforelectricalandopticalcharacteristicswhenassembled
andoperatedat20mAwithinthemaximumratingsshownabove.Efficiencydecreasesathighercurrents.Typicalvaluesgiven
arewithintherangeofaveragevaluesexpectedbymanufacturerinlargequantitiesandareprovidedforinformationonly.All
measurementsweremadeusinglampsinT-13/4packages(withHysolOS4000epoxy).Opticalcharacteristicsmeasuredinan
integratingsphereusingIlluminanceE.
4. Caution: To obtain optimum output efficiency, the amount of epoxy used should be characterized based upon the specific
application.
5. Specificationsaresubjecttochangewithoutnotice.


Similar Part No. - C470RT230-S0200

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C470RT230-S0200 CREE-C470RT230-S0200 Datasheet
243Kb / 4P
   RazerThin짰 LEDs
logo
Marktech Corporate
C470RT230-S0200 MARKTECH-C470RT230-S0200 Datasheet
264Kb / 4P
   RazerThin LEDs
More results

Similar Description - C470RT230-S0200

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR2436-S3000 CREE-C450TR2436-S3000_16 Datasheet
290Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2432-S2700 CREE-C450TR2432-S2700 Datasheet
297Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C460MB290-S0800 CREE-C460MB290-S0800 Datasheet
527Kb / 5P
   Low Forward Voltage 3.2 V Typical at 20 mA
C460RT320-0313 CREE-C460RT320-0313 Datasheet
375Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT320-S1700 CREE-C460RT320-S1700_16 Datasheet
188Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600_16 Datasheet
196Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600 Datasheet
387Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT290-S0200 CREE-C460RT290-S0200_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460XT290-S2400-A CREE-C460XT290-S2400-A Datasheet
238Kb / 6P
   Low Forward Voltage - 3.2 Typical at 20 mA
C450TR2227-S2100 CREE-C450TR2227-S2100_16 Datasheet
356Kb / 5P
   Low Forward Voltage - 3.3 V Typical at 20 mA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com