Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C527RT290-S0100 Datasheet(PDF) 1 Page - Cree, Inc

Part # C527RT290-S0100
Description  Reduced Forward Voltage 2.9 V Typical at 5 mA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C527RT290-S0100 Datasheet(HTML) 1 Page - Cree, Inc

  C527RT290-S0100 Datasheet HTML 1Page - Cree, Inc C527RT290-S0100 Datasheet HTML 2Page - Cree, Inc C527RT290-S0100 Datasheet HTML 3Page - Cree, Inc C527RT290-S0100 Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Subject to change without notice.
www.cree.com
FEATURES
• Thin95-μmChip
• ReducedForwardVoltage
– 2.9VTypicalat5mA
• RazerThinLEDPerformance
– 460nm-3.8–11.1mW
– 470nm-3.4–10.4mW
– 505nm-2.0–6.5mW
– 527nm-1.7–6.0mW
• SingleWireBondStructure
• Class-2ESDRating
APPLICATIONS
• MobilePhoneKeyPads
– WhiteLEDs
– BlueLEDs
– GreenLEDs
• CellularPhoneLCDBacklighting
• DigitalCameraFlashforMobileAppliance
• AutomotiveDashboardLighting
• LEDVideoDisplays
• AudioProductDisplayLighting
Cree® RazerThin® RT290TM LEDs
CxxxRT290-S0100
Data Sheet
Cree’sRazerThinLEDsareanewgenerationofsolid-stateLEDemittersthatcombinehighlyefficientInGaNmaterials
withCree’sproprietaryG•SiC®substratetodeliversuperiorprice/performanceforhigh-intensityblueandgreen
LEDs. These vertically structured LED chips are approximately 95 microns in height and require a low forward
voltage.Cree’sRazerThinserieschipshavetheabilitytowithstand1000-VESD.ApplicationsforRazerThinLEDs
includenext-generationkeypadbacklightingwheresub-miniaturizationandthinnerformfactorsarerequired.
CxxxRT290-S0100 Chip Diagram
Top View
Bottom View
G•SiCLEDChip
270x270μm
SiCSubstrate
h=95μm
Backside
Metallization
GoldBondPad
110μmDiameter
Die Cross Section
Cathode(-)
Anode(+)
Mesa(junction)
246x246μm
InGaN


Similar Part No. - C527RT290-S0100

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C527RT290-S0100 CREE-C527RT290-S0100 Datasheet
203Kb / 4P
   RazerThin짰 LEDs
logo
Marktech Corporate
C527RT290-S0100 MARKTECH-C527RT290-S0100 Datasheet
229Kb / 4P
   RazerThin LEDs
More results

Similar Description - C527RT290-S0100

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450UT190-S1200-31 CREE-C450UT190-S1200-31_16 Datasheet
283Kb / 6P
   Low Forward Voltage 2.9 V Typical at 5 mA
C460RT230-S0100 CREE-C460RT230-S0100_16 Datasheet
242Kb / 4P
   Low Forward Voltage 2.9 V Typical at 5 mA
C450UT190-S1400-30 CREE-C450UT190-S1400-30_16 Datasheet
298Kb / 6P
   Low Forward Voltage 2.9 V Typical at 5 mA
C460RT200-S1200 CREE-C460RT200-S1200_16 Datasheet
192Kb / 6P
   Reduced Forward Voltage 3.0 V Typical at 5 mA
C460RT200-S1200 CREE-C460RT200-S1200 Datasheet
376Kb / 6P
   Reduced Forward Voltage 3.0 V Typical at 5 mA
C460RT260-S1600 CREE-C460RT260-S1600_16 Datasheet
196Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT320-0313 CREE-C460RT320-0313 Datasheet
375Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600 Datasheet
387Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT290-S0200 CREE-C460RT290-S0200_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT320-S1700 CREE-C460RT320-S1700_16 Datasheet
188Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com