Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCS020M12CM2 Datasheet(PDF) 7 Page - Cree, Inc

Part # CCS020M12CM2
Description  Six-Pack (Three Phase) Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CCS020M12CM2 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CCS020M12CM2 Datasheet HTML 2Page - Cree, Inc CCS020M12CM2 Datasheet HTML 3Page - Cree, Inc CCS020M12CM2 Datasheet HTML 4Page - Cree, Inc CCS020M12CM2 Datasheet HTML 5Page - Cree, Inc CCS020M12CM2 Datasheet HTML 6Page - Cree, Inc CCS020M12CM2 Datasheet HTML 7Page - Cree, Inc CCS020M12CM2 Datasheet HTML 8Page - Cree, Inc CCS020M12CM2 Datasheet HTML 9Page - Cree, Inc CCS020M12CM2 Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
CCS020M12CM2,Rev. -
Typical Performance
Figure25.ContinuousDrainCurrentDeratingvs.
CaseTemperature
Figure26.MaximumPowerDissipation(MOSFET)
DeratingvsCaseTemperature
1E-3
10E-3
100E-3
1
1E-6
10E-6
100E-6
1E-3
10E-3
100E-3
1
10
Time, tp (s)
0.5
0.3
0.1
0.05
0.02
0.01
SinglePulse
0
20
40
60
80
100
120
140
160
180
-40
-20
0
20
40
60
80
100
120
140
Case Temperature, TC (°C)
Conditions:
TJ ≤ 150 °C
1E-3
10E-3
100E-3
1
1E-6
10E-6
100E-6
1E-3
10E-3
100E-3
1
10
Time, tp (s)
0.5
0.3
0.1
0.05
0.02
0.01
SinglePulse
Figure28.DiodeJunctiontoCaseThermalImpedance
Figure27.MOSFETJunctiontoCaseThermalImpedance
10
100
1000
10000
100000
-50
-25
0
25
50
75
100
125
150
NTC Temperature (°C)
Figure29.NTCResistancevsNTCTemperature
0.01
0.10
1.00
10.00
100.00
0.1
1
10
100
1000
Drain-Source Voltage, VDS (V)
100 µs
1 ms
10 µs
Conditions:
TC = 25 °C
D = 0,
Parameter: tp
100 ms
Limited by RDS On
Figure30.MOSFETSafeOperatingArea
0
5
10
15
20
25
30
35
40
45
50
-40
-20
0
20
40
60
80
100
120
140
Case Temperature, TC (°C)
Conditions:
TJ ≤ 150 °C


Similar Part No. - CCS020M12CM2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CCS022 ETC2-CCS022 Datasheet
134Kb / 1P
   C STRAIGHT PLUG FOR ECS CABLE 310801
More results

Similar Description - CCS020M12CM2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CCS050M12CM2 CREE-CCS050M12CM2 Datasheet
701Kb / 8P
   1.2kV, 50A Silicon Carbide Six-Pack (Three Phase) Module
logo
Nihon Inter Electronics...
PTMB50E6C NIEC-PTMB50E6C Datasheet
320Kb / 4P
   IGBT Module-Six Pack
PTMB75A6C NIEC-PTMB75A6C Datasheet
125Kb / 3P
   IGBT Module-Six Pack
PTMB100E6C NIEC-PTMB100E6C Datasheet
333Kb / 4P
   IGBT Module-Six Pack
PTMB75E6C NIEC-PTMB75E6C Datasheet
328Kb / 4P
   IGBT Module-Six Pack
PTMB50A6C NIEC-PTMB50A6C Datasheet
135Kb / 3P
   IGBT Module-Six-Pack
PTMB150E6C NIEC-PTMB150E6C Datasheet
328Kb / 4P
   IGBT Module-Six Pack
logo
MacMic
MMG75W120X6TC MACMIC-MMG75W120X6TC Datasheet
1Mb / 6P
   1200V 75A Six-Pack Module
MMG75W120X6TN MACMIC-MMG75W120X6TN Datasheet
509Kb / 6P
   1200V 75A Six-Pack Module
MMG100W060X6EN MACMIC-MMG100W060X6EN Datasheet
340Kb / 6P
   600V 100A Six-Pack Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com