Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGH09120F Datasheet(PDF) 4 Page - Cree, Inc

Part # CGH09120F
Description  120 W, UHF - 2.5 GHz, GaN HEMT for WCDMA, LTE, MC-GSM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH09120F Datasheet(HTML) 4 Page - Cree, Inc

  CGH09120F Datasheet HTML 1Page - Cree, Inc CGH09120F Datasheet HTML 2Page - Cree, Inc CGH09120F Datasheet HTML 3Page - Cree, Inc CGH09120F Datasheet HTML 4Page - Cree, Inc CGH09120F Datasheet HTML 5Page - Cree, Inc CGH09120F Datasheet HTML 6Page - Cree, Inc CGH09120F Datasheet HTML 7Page - Cree, Inc CGH09120F Datasheet HTML 8Page - Cree, Inc CGH09120F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
CGH09120F Rev 2.1
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2009-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Linear Performance
Typical Small Signal Gain and Return Loss vs Frequency
measured in CGH09120F-AMP Amplifier Circuit.
V
DS = 28 V, IDS = 1.2 A
Typical WCDMA Performance
Typical WCDMA Characteristics ACLR and Drain Efficiency vs Output Power
measured in CGH09120F-AMP Amplifier Circuit.
3GPP Test Model 1, 64 DPCH 67 % Clipping, 8.81 dB PAR @ 0.01 %
V
DS = 28 V, IDS = 1.2 A, Frequency = 870 MHz
25
30
35
40
45
50
-40
-38
-36
-34
-32
-30
-ACLR
+ACLR
Drain Efficiency
ACLR
0
5
10
15
20
25
-50
-48
-46
-44
-42
-40
25
30
35
40
45
50
Output Power (dBm)
Drain
Efficiency
-5
0
5
10
19
21
23
25
Gain
-20
-15
-10
-5
13
15
17
19
750
800
850
900
950
1000
Frequency (MHz)
Gain
Return Loss
Return
Loss


Similar Part No. - CGH09120F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH09120F WOLFSPEED-CGH09120F Datasheet
4Mb / 13P
   120 W, UHF - 2.5 GHz, GaN HEMT for WCDMA, LTE, MC-GSM
Rev. 2.3, 2022-10-14
More results

Similar Description - CGH09120F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH09120F WOLFSPEED-CGH09120F Datasheet
4Mb / 13P
   120 W, UHF - 2.5 GHz, GaN HEMT for WCDMA, LTE, MC-GSM
Rev. 2.3, 2022-10-14
CGH21120F WOLFSPEED-CGH21120F Datasheet
4Mb / 14P
   120 W, 1.8 - 2.3 GHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev. 3.3, 2022-12-15
logo
Cree, Inc
CGH21120F CREE-CGH21120F Datasheet
1Mb / 13P
   120 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
logo
WOLFSPEED, INC.
CGH21240F WOLFSPEED-CGH21240F Datasheet
3Mb / 14P
   240 W, 1.8 - 2.3 GHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev. 3.2, 2022-10-19
CGH25120F WOLFSPEED-CGH25120F Datasheet
3Mb / 12P
   120 W, 2.3-2.7 GHz, GaN HEMT for WiMAX and LTE
Rev. 3.4, 10-20-2022
logo
Cree, Inc
CGH21240F CREE-CGH21240F Datasheet
1Mb / 15P
   240 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
logo
WOLFSPEED, INC.
CGH60120D WOLFSPEED-CGH60120D Datasheet
1Mb / 8P
   120 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-2
CG2H80120D WOLFSPEED-CG2H80120D Datasheet
1Mb / 8P
   120 W, 8.0 GHz, GaN HEMT Die
Rev. 0.3, 2022-11-3
logo
Cree, Inc
CGH60120D CREE-CGH60120D Datasheet
592Kb / 7P
   120 W, 6.0 GHz, GaN HEMT Die
CGH25120F CREE-CGH25120F Datasheet
1Mb / 12P
   120 W, 2300-2700 MHz, GaN HEMT for WiMAX and LTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com