Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGH09120F-TB Datasheet(PDF) 7 Page - Cree, Inc

Part # CGH09120F-TB
Description  120 W, UHF - 2.5 GHz, GaN HEMT for WCDMA, LTE, MC-GSM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH09120F-TB Datasheet(HTML) 7 Page - Cree, Inc

Back Button CGH09120F-TB Datasheet HTML 3Page - Cree, Inc CGH09120F-TB Datasheet HTML 4Page - Cree, Inc CGH09120F-TB Datasheet HTML 5Page - Cree, Inc CGH09120F-TB Datasheet HTML 6Page - Cree, Inc CGH09120F-TB Datasheet HTML 7Page - Cree, Inc CGH09120F-TB Datasheet HTML 8Page - Cree, Inc CGH09120F-TB Datasheet HTML 9Page - Cree, Inc CGH09120F-TB Datasheet HTML 10Page - Cree, Inc CGH09120F-TB Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
CGH09120F Rev 2.1
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2009-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Source and Load Impedances
Frequency (MHz)
Z Source
Z Load
700
0.75 - j 0.58
5.59 - j 2.12
750
0.84 - j 0.18
4.97 - j 1.25
800
0.90 + j 0.19
4.68 - j 0.37
850
0.95 + j 0.59
4.59 + j 0.45
900
1.02 + j 1.03
4.67 + j 1.19
950
1.17 + j 1.53
4.90 + j 1.82
1000
1.53 + j 2.10
5.28 + j 2.31
Note1 V
DD = 28V, IDQ = 1.2 A in the 440095 package.
Note2 Impedances are extracted from CGH09120F-AMP demonstration circuit
and are not source and load pull data derived from transistor.
CGH09120F Power Dissipation De-rating Curve
Note 1. Area exceeds Maximum Case Operating Temperature (See Page 2).
D
Z Source
Z Load
G
S
40
50
60
70
CGH09120F Average Power Dissipation De-rating Curve
0
10
20
30
40
0
25
50
75
100
125
150
175
200
225
250
Maximum Case Temperature (°C)
Note 1


Similar Part No. - CGH09120F-TB

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH09120F WOLFSPEED-CGH09120F Datasheet
4Mb / 13P
   120 W, UHF - 2.5 GHz, GaN HEMT for WCDMA, LTE, MC-GSM
Rev. 2.3, 2022-10-14
More results

Similar Description - CGH09120F-TB

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH09120F WOLFSPEED-CGH09120F Datasheet
4Mb / 13P
   120 W, UHF - 2.5 GHz, GaN HEMT for WCDMA, LTE, MC-GSM
Rev. 2.3, 2022-10-14
CGH21120F WOLFSPEED-CGH21120F Datasheet
4Mb / 14P
   120 W, 1.8 - 2.3 GHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev. 3.3, 2022-12-15
logo
Cree, Inc
CGH21120F CREE-CGH21120F Datasheet
1Mb / 13P
   120 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
logo
WOLFSPEED, INC.
CGH21240F WOLFSPEED-CGH21240F Datasheet
3Mb / 14P
   240 W, 1.8 - 2.3 GHz, GaN HEMT for WCDMA, LTE, WiMAX
Rev. 3.2, 2022-10-19
CGH25120F WOLFSPEED-CGH25120F Datasheet
3Mb / 12P
   120 W, 2.3-2.7 GHz, GaN HEMT for WiMAX and LTE
Rev. 3.4, 10-20-2022
logo
Cree, Inc
CGH21240F CREE-CGH21240F Datasheet
1Mb / 15P
   240 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
logo
WOLFSPEED, INC.
CGH60120D WOLFSPEED-CGH60120D Datasheet
1Mb / 8P
   120 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-2
CG2H80120D WOLFSPEED-CG2H80120D Datasheet
1Mb / 8P
   120 W, 8.0 GHz, GaN HEMT Die
Rev. 0.3, 2022-11-3
logo
Cree, Inc
CGH60120D CREE-CGH60120D Datasheet
592Kb / 7P
   120 W, 6.0 GHz, GaN HEMT Die
CGH25120F CREE-CGH25120F Datasheet
1Mb / 12P
   120 W, 2300-2700 MHz, GaN HEMT for WiMAX and LTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com