Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F28M35E20B1RFPQ Datasheet(PDF) 1 Page - Texas Instruments

Part # F28M35E20B1RFPQ
Description  Microcontrollers
Download  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M35E20B1RFPQ Datasheet(HTML) 1 Page - Texas Instruments

  F28M35E20B1RFPQ Datasheet HTML 1Page - Texas Instruments F28M35E20B1RFPQ Datasheet HTML 2Page - Texas Instruments F28M35E20B1RFPQ Datasheet HTML 3Page - Texas Instruments F28M35E20B1RFPQ Datasheet HTML 4Page - Texas Instruments F28M35E20B1RFPQ Datasheet HTML 5Page - Texas Instruments F28M35E20B1RFPQ Datasheet HTML 6Page - Texas Instruments F28M35E20B1RFPQ Datasheet HTML 7Page - Texas Instruments F28M35E20B1RFPQ Datasheet HTML 8Page - Texas Instruments F28M35E20B1RFPQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 235 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
F28M35H52C, F28M35H22C, F28M35M52C, F28M35M22C, F28M35M20B, F28M35E20B
SPRS742I – JUNE 2011 – REVISED JUNE 2015
F28M35x Concerto™ Microcontrollers
1
Device Overview
1.1
Features
1
• Master Subsystem — ARM® Cortex®-M3
• Control Subsystem — TMS320C28x 32-Bit CPU
– Up to 100 MHz
– Up to 150 MHz
– Embedded Memory
– C28x Core Hardware Built-in Self-Test
– Embedded Memory
Up to 512KB of Flash (ECC)
Up to 512KB of Flash (ECC)
Up to 32KB of RAM (ECC or Parity)
Up to 36KB of RAM (ECC or Parity)
Up to 64KB of Shared RAM
Up to 64KB of Shared RAM
2KB of IPC Message RAM
– Five Universal Asynchronous
2KB of IPC Message RAM
Receiver/Transmitters (UARTs)
– IEEE-754 Single-Precision Floating-Point Unit
– Four Synchronous Serial Interfaces (SSIs) and
(FPU)
a Serial Peripheral Interface (SPI)
– Viterbi, Complex Math, CRC Unit (VCU)
– Two Inter-integrated Circuits (I2Cs)
– Serial Communications Interface (SCI)
– Universal Serial Bus On-the-Go (USB-OTG) +
– SPI
PHY
– I2C
– 10/100 ENET 1588 MII
– 6-Channel Direct Memory Access (DMA)
– Two Controller Area Network, D_CAN, Modules
– Nine Enhanced Pulse Width Modulator (ePWM)
(Pin-Bootable)
Modules
– 32-Channel Micro Direct Memory Access
18 Outputs (16 High-Resolution)
(µDMA)
– Six 32-Bit Enhanced Capture (eCAP) Modules
– Dual Security Zones (128-Bit Password per
– Three 32-Bit Enhanced Quadrature Encoder
Zone)
Pulse (eQEP) Modules
– External Peripheral Interface (EPI)
– Multichannel Buffered Serial Port (McBSP)
– Micro Cyclic Redundancy Check (µCRC)
– EPI
Module
– One Security Zone (128-Bit Password)
– Four General-Purpose Timers
– Three 32-Bit Timers
– Two Watchdog Timer Modules
– Endianness: Little Endian
– Endianness: Little Endian
• Analog Subsystem
• Clocking
– Dual 12-Bit Analog-to-Digital Converters (ADCs)
– On-chip Crystal Oscillator and External Clock
– Up to 2.88 MSPS
Input
– Up to 20 Channels
– Dynamic Phase-Locked Loop (PLL) Ratio
– Four Sample-and-Hold (S/H) Circuits
Changes Supported
– Up to Six Comparators With 10-Bit Digital-to-
• 1.2-V Digital, 1.8-V Analog, 3.3-V I/O Design
Analog Converter (DAC)
• Interprocessor Communications (IPC)
• Package
– 32 Handshaking Channels
– 144-Pin RFP PowerPAD™ Thermally Enhanced
– Four Channels Generate IPC Interrupts
Thin Quad Flatpack (HTQFP)
– Can be Used to Coordinate Transfer of Data
• Temperature Options:
Through IPC Message RAMs
– T: –40ºC to 105ºC Junction
• Up to 74 Individually Programmable, Multiplexed
– S: –40ºC to 125ºC Junction
General-Purpose Input/Output (GPIO) Pins
– Q: –40ºC to 125ºC Free-Air
– Glitch-free I/Os
(Q100 Qualification for Automotive Applications)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - F28M35E20B1RFPQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35E20B1RFPS TI-F28M35E20B1RFPS Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35E20B1RFPT TI-F28M35E20B1RFPT Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
More results

Similar Description - F28M35E20B1RFPQ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com