Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F28M36H53B2ZWTQ Datasheet(PDF) 10 Page - Texas Instruments

Part # F28M36H53B2ZWTQ
Description  Concerto Microcontrollers
Download  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M36H53B2ZWTQ Datasheet(HTML) 10 Page - Texas Instruments

Back Button F28M36H53B2ZWTQ Datasheet HTML 6Page - Texas Instruments F28M36H53B2ZWTQ Datasheet HTML 7Page - Texas Instruments F28M36H53B2ZWTQ Datasheet HTML 8Page - Texas Instruments F28M36H53B2ZWTQ Datasheet HTML 9Page - Texas Instruments F28M36H53B2ZWTQ Datasheet HTML 10Page - Texas Instruments F28M36H53B2ZWTQ Datasheet HTML 11Page - Texas Instruments F28M36H53B2ZWTQ Datasheet HTML 12Page - Texas Instruments F28M36H53B2ZWTQ Datasheet HTML 13Page - Texas Instruments F28M36H53B2ZWTQ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 253 page
background image
F28M36P63C2, F28M36P53C2, F28M36H53C2, F28M36H53B2
F28M36H33C2, F28M36H33B2
SPRS825D – OCTOBER 2012 – REVISED OCTOBER 2015
www.ti.com
Table 3-1. Device Comparison (continued)
FEATURE
TYPE(1)
P63C2
P53C2
H53C2
H53B2
H33C2
H33B2
Packaging
289-Ball ZWT New Fine Pitch Ball
Package Type
Yes
Yes
Yes
Yes
Yes
Yes
Grid Array
T: –40°C to 105°C
Yes
Yes
Yes
Yes
Yes
Yes
Junction Temperature
S: –40°C to 125°C
Yes
Yes
Yes
Yes
Yes
Yes
(TJ)
Q: –40°C to 150°C(6)
Yes
No
No
No
No
No
Free-Air Temperature
Q: –40°C to 125°C(6)
Yes
No
No
No
No
No
(TA)
(1) A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor differences between devices that do not affect the
basic functionality of the module. These device-specific differences are listed in the TMS320x28xx, 28xxx DSP Peripheral Reference Guide (SPRU566) and in the peripheral reference
guides.
(2) The maximum frequency at which the Cortex-M3 core can run is 125 MHz. The clock divider before the Cortex-M3 core can only take values of /1, /2, or /4. For this reason, when the
C28x is configured to run at the maximum frequency of 150 MHz, the fastest allowable frequency for the Cortex-M3 is 75 MHz. If the Cortex-M3 is configured to run at 125 MHz, the
maximum frequency of the C28x is limited to 125 MHz. If the Cortex-M3 is configured to run at 100 MHz, the maximum frequency of the C28x is limited to 100 MHz.
(3) The CAN module uses the popular IP known as D_CAN. This document uses the names “CAN” and “D_CAN” interchangeably to reference this peripheral.
(4) Single EPI arbitrated between masters in Master and Control Subsystems.
(5) An integer divide ratio must be maintained between the C28x and ADC clock frequencies. All MSPS and Conversion Time values are based on the maximum C28x clock frequency.
(6) "Q" refers to Q100 qualification for automotive applications.
Table 3-2. Possible Speed Combinations for Cortex-M3 and C28x Cores
Cortex-M3
75 MHz
125 MHz
100 MHz
C28x
150 MHz
125 MHz
100 MHz
10
Device Comparison
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: F28M36P63C2 F28M36P53C2 F28M36H53C2 F28M36H53B2 F28M36H33C2 F28M36H33B2


Similar Part No. - F28M36H53B2ZWTQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36H53B2ZWTQ TI-F28M36H53B2ZWTQ Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
More results

Similar Description - F28M36H53B2ZWTQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35H20B1 TI1-F28M35H20B1_12 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com