Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F273 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F273
Description  Octal D Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F273 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F273 Datasheet HTML 1Page - National Semiconductor (TI) 74F273 Datasheet HTML 2Page - National Semiconductor (TI) 74F273 Datasheet HTML 3Page - National Semiconductor (TI) 74F273 Datasheet HTML 4Page - National Semiconductor (TI) 74F273 Datasheet HTML 5Page - National Semiconductor (TI) 74F273 Datasheet HTML 6Page - National Semiconductor (TI) 74F273 Datasheet HTML 7Page - National Semiconductor (TI) 74F273 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Connection Diagrams
Pin Assignment for
DIP SOIC and Flatpak
TLF9511 – 1
Pin Assignment
for LCC
TLF9511 – 2
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
D0–D7
Data Inputs
1010
20 mA b06 mA
MR
Master Reset (Active LOW)
1010
20 mA b06 mA
CP
Clock Pulse Input (Active Rising Edge)
1010
20 mA b06 mA
Q0–Q7
Data Outputs
50333
b
1 mA20 mA
Mode Select-Function Table
Operating Mode
Inputs
Output
MR
CP
Dn
Qn
Reset (Clear)
L
X
X
L
Load ‘1’
H
L
hH
Load ‘0’
H
L
lL
H e HIGH Voltage Level steady state
h e HIGH Voltage Level one setup time prior to the LOW-to-HIGH clock
transition
L e LOW Voltage Level steady state
I e LOW Voltage Level one setup time prior to the LOW-to-HIGH clock
transition
X e Immaterial
L e LOW-to-HIGH clock transition
Logic Diagram
TLF9511 – 4
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
2


Similar Part No. - 74F273

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
logo
NXP Semiconductors
74F273A PHILIPS-74F273A Datasheet
79Kb / 10P
   Octal D flip-flop
1996 Mar 12
74F273A PHILIPS-74F273A Datasheet
96Kb / 10P
   Octal D flip?밼lop
1996 Mar 12
74F273AD PHILIPS-74F273AD Datasheet
79Kb / 10P
   Octal D flip-flop
1996 Mar 12
74F273AN PHILIPS-74F273AN Datasheet
79Kb / 10P
   Octal D flip-flop
1996 Mar 12
More results

Similar Description - 74F273

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273 Datasheet
187Kb / 7P
   OCTAL D FLIP-FLOP
May, 2001 ??Rev. 5
MC74AC273 ONSEMI-MC74AC273_16 Datasheet
97Kb / 8P
   Octal D Flip-Flop
December, 2016 ??Rev. 8
logo
NXP Semiconductors
74F273A PHILIPS-74F273A Datasheet
79Kb / 10P
   Octal D flip-flop
1996 Mar 12
logo
Hitachi Semiconductor
HD74AC273 HITACHI-HD74AC273 Datasheet
60Kb / 10P
   Octal D Flip-Flop
logo
National Semiconductor ...
54AC273 NSC-54AC273 Datasheet
157Kb / 8P
   Octal D Flip-Flop
74FCT273 NSC-74FCT273 Datasheet
168Kb / 8P
   Octal D Flip-Flop
logo
NXP Semiconductors
74LVT273 PHILIPS-74LVT273 Datasheet
94Kb / 11P
   3.3V Octal D flip-flop
1998 Feb 19
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com