Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F28M36H53B2 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # F28M36H53B2
Description  Concerto Microcontrollers
Download  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M36H53B2 Datasheet(HTML) 1 Page - Texas Instruments

  F28M36H53B2 Datasheet HTML 1Page - Texas Instruments F28M36H53B2 Datasheet HTML 2Page - Texas Instruments F28M36H53B2 Datasheet HTML 3Page - Texas Instruments F28M36H53B2 Datasheet HTML 4Page - Texas Instruments F28M36H53B2 Datasheet HTML 5Page - Texas Instruments F28M36H53B2 Datasheet HTML 6Page - Texas Instruments F28M36H53B2 Datasheet HTML 7Page - Texas Instruments F28M36H53B2 Datasheet HTML 8Page - Texas Instruments F28M36H53B2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 253 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
F28M36P63C2, F28M36P53C2, F28M36H53C2, F28M36H53B2
F28M36H33C2, F28M36H33B2
SPRS825D – OCTOBER 2012 – REVISED OCTOBER 2015
F28M36x Concerto™ Microcontrollers
1
Device Overview
1.1
Features
1
• Master Subsystem — ARM® Cortex®-M3
• Control Subsystem — TMS320C28x 32-Bit CPU
– 125 MHz
– 150 MHz
– Embedded Memory
– C28x Core Hardware Built-in Self-Test
– Embedded Memory
Up to 1MB of Flash (ECC)
Up to 512KB of Flash (ECC)
Up to 128KB of RAM (ECC or Parity)
Up to 36KB of RAM (ECC or Parity)
Up to 64KB of Shared RAM
Up to 64KB of Shared RAM
2KB of IPC Message RAM
– Five Universal Asynchronous
2KB of IPC Message RAM
Receiver/Transmitters (UARTs)
– IEEE-754 Single-Precision Floating-Point Unit
– Four Synchronous Serial Interfaces (SSIs)
(FPU)
and a Serial Peripheral Interface (SPI)
– Viterbi, Complex Math, CRC Unit (VCU)
– Two Inter-integrated Circuits (I2Cs)
– Serial Communications Interface (SCI)
– Universal Serial Bus On-the-Go (USB-OTG) +
– SPI
PHY
– I2C
– 10/100 ENET 1588 MII
– 6-Channel Direct Memory Access (DMA)
– Two Controller Area Network, D_CAN, Modules
– 12 Enhanced Pulse Width Modulator (ePWM)
(Pin-Bootable)
Modules
– 32-Channel Micro Direct Memory Access
24 Outputs (16 High-Resolution)
(µDMA)
– Six 32-Bit Enhanced Capture (eCAP) Modules
– Dual Security Zones (128-Bit Password per
– Three 32-Bit Enhanced Quadrature Encoder
Zone)
Pulse (eQEP) Modules
– External Peripheral Interface (EPI)
– Multichannel Buffered Serial Port (McBSP)
– Micro Cyclic Redundancy Check (µCRC)
– EPI
Module
– One Security Zone (128-Bit Password)
– Four General-Purpose Timers
– Three 32-Bit Timers
– Two Watchdog Timer Modules
– Endianness: Little Endian
– Endianness: Little Endian
• Analog Subsystem
• Clocking
– Dual 12-Bit Analog-to-Digital Converters (ADCs)
– On-chip Crystal Oscillator and External Clock
– Up to 2.88 MSPS
Input
– Up to 24 Channels
– Dynamic Phase-Locked Loop (PLL) Ratio
– Four Sample-and-Hold (S/H) Circuits
Changes Supported
– Up to Six Comparators With 10-Bit Digital-to-
• 1.2-V Digital, 1.8-V Analog, 3.3-V I/O Design
Analog Converter (DAC)
• Interprocessor Communications (IPC)
• Package
– 32 Handshaking Channels
– 289-Ball ZWT New Fine Pitch Ball Grid Array
– Four Channels Generate IPC Interrupts
(nFBGA)
– Can be Used to Coordinate Transfer of Data
• Temperature Options:
Through IPC Message RAMs
– T: –40ºC to 105ºC Junction
• Up to 142 Individually Programmable, Multiplexed
– S: –40ºC to 125ºC Junction
General-Purpose Input/Output (GPIO) Pins
– Q: –40ºC to 125ºC Free-Air
– Glitch-free I/Os
(Q100 Qualification for Automotive Applications)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - F28M36H53B2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36H53B2ZWTQ TI-F28M36H53B2ZWTQ Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36H53B2ZWTS TI-F28M36H53B2ZWTS Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36H53B2ZWTT TI-F28M36H53B2ZWTT Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
More results

Similar Description - F28M36H53B2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35H20B1 TI1-F28M35H20B1_12 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com