Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF430CL330HIRGTR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # RF430CL330HIRGTR
Description  Dynamic NFC Interface Transponder
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL330HIRGTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button RF430CL330HIRGTR Datasheet HTML 6Page - Texas Instruments RF430CL330HIRGTR Datasheet HTML 7Page - Texas Instruments RF430CL330HIRGTR Datasheet HTML 8Page - Texas Instruments RF430CL330HIRGTR Datasheet HTML 9Page - Texas Instruments RF430CL330HIRGTR Datasheet HTML 10Page - Texas Instruments RF430CL330HIRGTR Datasheet HTML 11Page - Texas Instruments RF430CL330HIRGTR Datasheet HTML 12Page - Texas Instruments RF430CL330HIRGTR Datasheet HTML 13Page - Texas Instruments RF430CL330HIRGTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
SCK
Mode 0
Mode 3
SO
SI
t
SU,SI
t
HD,SI
t
VALID,SO
t
HIGH
1/f
SCK
t
LOW
CS
t
SU,CS
t
HD,CS
t
CS,HIGH
RF430CL330H
SLAS916C – NOVEMBER 2012 – REVISED NOVEMBER 2014
www.ti.com
4.11 SPI Interface
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
write
3.3 V
0
100
kHz
fSCK
SCK clock frequency
read
3.3 V
0
110
kHz
tHIGH,CS
CS high time
3.3 V
50
µs
tSU,CS
CS setup time
3.3 V
25
µs
tHD,CS
CS hold time
3.3 V
100
ns
tHIGH
SCK high time
3.3 V
100
ns
tLOW
SCK low time
3.3 V
100
ns
tSU,SI
Data In (SI) setup time
3.3 V
50
ns
tHD,SI
Data In (SI) hold time
3.3 V
50
ns
tVALID,SO
Output (SO) valid
3.3 V
0
50
ns
tHOLD,SO
Output (SO) hold time
3.3 V
0
ns
Figure 4-2. SPI Mode Timing
10
Specifications
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RF430CL330H


Similar Part No. - RF430CL330HIRGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H Datasheet
438Kb / 33P
[Old version datasheet]   DYNAMIC NFC INTERFACE TRANSPONDER
RF430CL330H-Q1 TI1-RF430CL330H-Q1 Datasheet
776Kb / 45P
[Old version datasheet]   Automotive Dynamic NFC Interface Transponder
RF430CL330HCPWR TI1-RF430CL330HCPWR Datasheet
438Kb / 33P
[Old version datasheet]   DYNAMIC NFC INTERFACE TRANSPONDER
RF430CL330HTPWRQ1 TI1-RF430CL330HTPWRQ1 Datasheet
776Kb / 45P
[Old version datasheet]   Automotive Dynamic NFC Interface Transponder
More results

Similar Description - RF430CL330HIRGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H Datasheet
438Kb / 33P
[Old version datasheet]   DYNAMIC NFC INTERFACE TRANSPONDER
RF430CL330H-Q1 TI1-RF430CL330H-Q1 Datasheet
776Kb / 45P
[Old version datasheet]   Automotive Dynamic NFC Interface Transponder
RF430CL331H TI1-RF430CL331H Datasheet
799Kb / 60P
[Old version datasheet]   NFC Type 4B Dynamic Dual Interface Transponder
logo
PREMO CORPORATION S.L
SDTR1103-HF2 PREMO-SDTR1103-HF2 Datasheet
98Kb / 1P
   SMD Transponder for NFC applications
logo
Sonardyne sound in dept...
8124 SONARDYNE-8124 Datasheet
398Kb / 2P
   Dynamic Positioning Transponder (DPT)
logo
Texas Instruments
RF430FRL152H TI-RF430FRL152H_15 Datasheet
682Kb / 51P
[Old version datasheet]   RF430FRL15xH NFC ISO 15693 Sensor Transponder
RF430FRL152H TI1-RF430FRL152H Datasheet
1Mb / 53P
[Old version datasheet]   RF430FRL15xH NFC ISO 15693 Sensor Transponder
RF430FRL154H TI-RF430FRL154H_15 Datasheet
682Kb / 51P
[Old version datasheet]   RF430FRL15xH NFC ISO 15693 Sensor Transponder
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com