Electronic Components Datasheet Search |
|
JH30240400ACNUNNTZLWC Datasheet(PDF) 6 Page - Jewel Hill Electronic |
|
JH30240400ACNUNNTZLWC Datasheet(HTML) 6 Page - Jewel Hill Electronic |
6 / 23 page JH30240400A VER: 0.1 - 5 - Issue date: 2013/08/01 JEWEL HILL ELECTRONIC CO.,LTD. 3.ABSOLUTE MAXIMUM RATINGS. The following are maximum values which, if exceeded may cause operation or damage to the unit. ITEM Symbol Min. Typ. Max. Unit Remark Power for Circuit Driving VDD -0.3 - 3.3 V Power for Circuit Logic VCI -0.3 - 4.6 V LC Operating Voltage *1) VPP - - - V LED Forward Voltage V BBBBBBBBB f BBBBBBBBB 3.0 3.2 3.4 V LED Forward Current IF - 60 - mA LED Luminance B BBBBBBBBB P BBBBBBBBB 3200 - - cd/m PPPPPPPPP 2 PPPPPPPPPPPPPPPPPPPPPPP Storage Humidity H BBBBBBBBB ST BBBBBBBBB 10 - 90 %RH Storage Temperature T BBBBBBBBB ST BBBBBBBBB -30 - 80 ℃ Operating Ambient Humidity H BBBBBBBBB OP BBBBBBBBB 10 - 90 %RH Operating Ambient temperature T BBBBBBBBB OP BBBBBBBBB -20 - 70 ℃ At 25±5℃ Note: *1) Liquid Crystal driving voltage. Due to the characteristics of LC Material, this voltage vary with environmental temperature. *2) Temp.>60℃, Absolute humidity shall be less than 90%RH at 60℃ *3) Temp.≤60℃, 90%RH MAX. 4.ELECTRICAL CHARACTERISICS. (Unless specified, the ambient temperature Ta=25℃) Properties Sym. Min Typ. Max Unit Note Power for Circuit Driving VDD 1.65 2.8 3.3 V Note Power for Circuit Logic VCI 2.7 2.8 3.3 V Note BLU Driving Logic Vbat - - - V Low Voltage VIL 0 - 0.2VDD V Logic Input Voltage High Voltage VIH 0.8VDD - VDD V Low Voltage VOL 0 - 0.1VDD V Logic Output Voltage High Voltage VOH 0.9VDD - VDD V White P BBBBBBBBB w BBBBBBBBB T.B.D T.B.D T.B.D mW Black P BBBBBBBBB b BBBBBBBBB T.B.D T.B.D T.B.D mW Power Consumption Vertical Stripe P BBBBBBBBB v BBBBBBBBB T.B.D T.B.D T.B.D mW |
Similar Part No. - JH30240400ACNUNNTZLWC |
|
Similar Description - JH30240400ACNUNNTZLWC |