Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM46L450CPGET Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # RM46L450CPGET
Description  16- and 32-Bit RISC Flash Microcontroller
Download  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM46L450CPGET Datasheet(HTML) 4 Page - Texas Instruments

  RM46L450CPGET Datasheet HTML 1Page - Texas Instruments RM46L450CPGET Datasheet HTML 2Page - Texas Instruments RM46L450CPGET Datasheet HTML 3Page - Texas Instruments RM46L450CPGET Datasheet HTML 4Page - Texas Instruments RM46L450CPGET Datasheet HTML 5Page - Texas Instruments RM46L450CPGET Datasheet HTML 6Page - Texas Instruments RM46L450CPGET Datasheet HTML 7Page - Texas Instruments RM46L450CPGET Datasheet HTML 8Page - Texas Instruments RM46L450CPGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 189 page
background image
A. For devices with 128KB RAM with ECC, the RAM #2 power domain is not supported.
B. The RM46L450 device only supports 1MB Flash with ECC.
HTU1
HTU2
Switched
Central Resource
Main Cross Bar: Arbitration and Prioritization Control
CRC
Peripheral Central Resource Bridge
Dual Cortex-R4F
CPUs in Lockstep
DCAN1
DCAN2
DCAN3
LIN
SCI
SPI4
64KB Flash
for EEPROM
Emulation
with ECC
MibSPI1
CAN1_RX
CAN1_TX
CAN2_RX
CAN2_TX
CAN3_RX
CAN3_TX
MIBSPI1_CLK
MIBSPI1_SIMO[1:0]
MIBSPI1_SOMI[1:0]
MIBSPI1_nCS[5:0]
MIBSPI1_nENA
SPI2
SPI2_CLK
SPI2_SIMO
SPI2_SOMI
SPI2_nCS[1:0]
SPI2_nENA
MibSPI3
MIBSPI3_CLK
MIBSPI3_SIMO
MIBSPI3_SOMI
MIBSPI3_nCS[5:0]
MIBSPI3_nENA
SPI4_CLK
SPI4_SIMO
SPI4_SOMI
SPI4_nCS0
SPI4_nENA
MibSPI5
MIBSPI5_SIMO[3:0]
MIBSPI5_SOMI[3:0]
MIBSPI5_nCS[3:0]
MIBSPI5_nENA
LIN_RX
LIN_TX
SCI_RX
SCI_TX
PMM
RTI
DCC1
DCC2
DMA
POM
IOMM
VIM
# 2
# 3
# 5
# 1
# 2
# 1
always on
Core/RAM
RAM
Core
Color Legend for
Power Domains
SYS
nPORRST
nRST
ECLK
ESM
nERROR
Switched
Central Resource
Switched Central Resource
I2C
N2HET1
GIO
N2HET2
MibADC1
MibADC2
MDIO
MII
MDCLK
MDIO
MII_RXD[3:0]
MII_RXER
MII_TXD[3:0]
MII_TXEN
MII_TXCLK
MII_RXCLK
MII_CRS
MII_RXDV
MII_COL
EMIF
EMIF_CLK
EMIF_CKE
EMIF_nCS[4:2]
EMIF_nCS[0]
EMIF_ADDR[12:0]
EMIF_BA[1:0]
EMIF_DATA[15:0]
EMIF_nDQM[1:0]
EMIF_nOE
EMIF_nWE
EMIF_nRAS
EMIF_nCAS
EMIF_nWAIT
eQEP
1,2
eQEPxA
eQEPxB
eQEPxS
eQEPxI
eCAP
1..6
eCAP[6:1]
ePWM
1..7
nTZ[3:1]
SYNCO
SYNCI
ePWMxA
ePWMxB
Device
Host
USB1.OVERCURRENT
USB1.RCV
USB1.VM
USB1.VP
USB1.PORTPOWER
USB1.SPEED
USB1.SUSPEND
USB1.TXDAT
USB1.TXEN
USB1.TXSE0
USB2.
USB2.RCV
USB2.VM
USB2.VP
USB2.
USB2.SPEED
USB2.SUSPEND
USB2.TXDAT
USB2.TXEN
USB2.TXSE0
OVERCURRENT
PORTPOWER
USB_FUNC.GZO
USB_FUNC.PUENO
USB_FUNC.PUENON
USB_FUNC.RXDI
USB_FUNC.RXDMI
USB_FUNC.RXDPI
USB_FUNC.SE0O
USB_FUNC.SUSPENDO
USB_FUNC.TXDO
USB_FUNC.VBUSI
USB Slaves
Switched
Central Resource
Switched
Central Resource
EMAC
OHCI
EMAC Slaves
MIBSPI5_CLK
32K
(A)
32K
32K
192KB RAM
with ECC
1.25MB
Flash
with
ECC
(B)
32K
(A)
32K
32K
RM46L450, RM46L850
SPNS184C – SEPTEMBER 2012 – REVISED JUNE 2015
www.ti.com
1.4
Functional Block Diagram
NOTE
The block diagram reflects the 337BGA package. Some pins are multiplexed or not available
in the 144QFP. For details, see the respective terminal functions tables in Section 4.3.
Figure 1-1. Functional Block Diagram
4
Device Overview
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RM46L450 RM46L850


Similar Part No. - RM46L450CPGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM46L450 TI1-RM46L450 Datasheet
2Mb / 172P
[Old version datasheet]   RM46Lx50 16/32-Bit RISC Flash Microcontroller
RM46L450PGET TI1-RM46L450PGET Datasheet
2Mb / 172P
[Old version datasheet]   RM46Lx50 16/32-Bit RISC Flash Microcontroller
RM46L450ZWTT TI1-RM46L450ZWTT Datasheet
2Mb / 172P
[Old version datasheet]   RM46Lx50 16/32-Bit RISC Flash Microcontroller
More results

Similar Description - RM46L450CPGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com