Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE66C640P-T85C Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SLE66C640P-T85C
Description  Security & Chip Card ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66C640P-T85C Datasheet(HTML) 7 Page - Infineon Technologies AG

  SLE66C640P-T85C Datasheet HTML 1Page - Infineon Technologies AG SLE66C640P-T85C Datasheet HTML 2Page - Infineon Technologies AG SLE66C640P-T85C Datasheet HTML 3Page - Infineon Technologies AG SLE66C640P-T85C Datasheet HTML 4Page - Infineon Technologies AG SLE66C640P-T85C Datasheet HTML 5Page - Infineon Technologies AG SLE66C640P-T85C Datasheet HTML 6Page - Infineon Technologies AG SLE66C640P-T85C Datasheet HTML 7Page - Infineon Technologies AG SLE66C640P-T85C Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SLE 66C640P
Short Product Information
7 / 8
08.01
General Description
SLE 66C640P is another member of Infineon Technologies high-end security controller family in
advanced 0.22 µm CMOS technology. The CPU provides the high efficiency of the SAB 8051-
instruction set extended by additional powerful instructions together with enhanced performance,
memory sizes and security features. The internal clock frequency can be adjusted up to 10 MHz
independent of the clock rate of the terminal with the help of the PLL.
The controller IC offers 134 Kbytes of User-ROM, 256 bytes internal RAM, 4096 bytes XRAM and
64 Kbytes Slim-EEPROM. The Memory Management and Protection Unit allows a secure
separation of the operating system and the applications. Furthermore the MMU makes a secure
downloading of applications possible after the personalization of a card. These new features meet
the requirements of the next generation of multi application operating systems. For code
compatibility to the SLE 66CxxS family, a transparent mode for the MMU is available which allows
you to keep the memory mapping of the SLE 66CxxS products.
EEPROM
64 Kbyte
XRAM
4 Kbyte
ROM
136
Kbyte
UART
16-Bit CPU with
MMU
&
ECO 2000
Instruction Set
Voltage
Clock
Reset
Sleep Mode Logic
Sensors/Filters
Voltage Regulator
Address-/Data Bus
two
16-bit
Timer
Interrupt
CRC
RNG
PLL
Figure 2: Block Diagram SLE 66C640P
The CRC module allows the easy generation of checksums according to ISO/IEC 3309 (16-Bit-
CRC). To minimize the overall power consumption, the chip card controller IC offers a sleep mode.
The UART supports the half-duplex transmission protocols T=0 and T=1 according to ISO/IEC
7816-3. All relevant transmission parameters can be adjusted by software, as e.g. the clock
division factor, direct/inverse convention and the number of stop bits. Additionally, the I/O port can
be driven by communication routines realized in software.
The random number generator (RNG) is able to supply the CPU with true random numbers under
all conditions.
As an important measure, the chip provides a new and enhanced level of on-chip security features.


Similar Part No. - SLE66C640P-T85C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66C644P INFINEON-SLE66C644P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C644PC INFINEON-SLE66C644PC Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C644PM5 INFINEON-SLE66C644PM5 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
More results

Similar Description - SLE66C640P-T85C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com