Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH24240320ECNUNNFHLWN Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH24240320ECNUNNFHLWN
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH24240320ECNUNNFHLWN Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH24240320ECNUNNFHLWN Datasheet HTML 6Page - Jewel Hill Electronic JH24240320ECNUNNFHLWN Datasheet HTML 7Page - Jewel Hill Electronic JH24240320ECNUNNFHLWN Datasheet HTML 8Page - Jewel Hill Electronic JH24240320ECNUNNFHLWN Datasheet HTML 9Page - Jewel Hill Electronic JH24240320ECNUNNFHLWN Datasheet HTML 10Page - Jewel Hill Electronic JH24240320ECNUNNFHLWN Datasheet HTML 11Page - Jewel Hill Electronic JH24240320ECNUNNFHLWN Datasheet HTML 12Page - Jewel Hill Electronic JH24240320ECNUNNFHLWN Datasheet HTML 13Page - Jewel Hill Electronic JH24240320ECNUNNFHLWN Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH24240320E
VER: 1.0
- 9 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO. Symbol
Description
1
GND
Power Ground
2
DB0
Date bus
3
DB1
Date bus
4
DB2
Date bus
5
DB3
Date bus
6
DB4
Date bus
7
DB5
Date bus
8
DB6
Date bus
9
DB7
Date bus
10
WR
Write execution control pin
11
RS
Data/Command Write Select pin
12
RD
Read execution control pin
13
RESET
System Reset Pin
14
CS
Chip select input pin
15
IOVCC
Power Supply for digital circuit(1.8/2.8V)
16
VCC
Power Supply for analog circuit(2.8V)
17
GND
Power Ground
18
K4
Cathode4 pin of backlight
19
K3
Cathode3 pin of backlight
20
K2
Cathode2 pin of backlight
21
K1
Cathode1 pin of backlight
22
A
Anode pin of backlight
23
YD(NC)
No connection
24
XR(NC)
No connection
25
YU(NC)
No connection
26
XL(NC)
No connection


Similar Part No. - JH24240320ECNUNNFHLWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH24240320A JHE-JH24240320A Datasheet
1Mb / 25P
   SPECIFICATIONS FOR LCD MODULE
JH24240320ACNUMNFFCWC JHE-JH24240320ACNUMNFFCWC Datasheet
1Mb / 25P
   SPECIFICATIONS FOR LCD MODULE
JH24240320ACNUMNFFCWN JHE-JH24240320ACNUMNFFCWN Datasheet
1Mb / 25P
   SPECIFICATIONS FOR LCD MODULE
JH24240320ACNUMNFFEWC JHE-JH24240320ACNUMNFFEWC Datasheet
1Mb / 25P
   SPECIFICATIONS FOR LCD MODULE
JH24240320ACNUMNFFEWN JHE-JH24240320ACNUMNFFEWN Datasheet
1Mb / 25P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH24240320ECNUNNFHLWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com