Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH22176220BCNUWNTFEWN Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH22176220BCNUWNTFEWN
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH22176220BCNUWNTFEWN Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH22176220BCNUWNTFEWN Datasheet HTML 6Page - Jewel Hill Electronic JH22176220BCNUWNTFEWN Datasheet HTML 7Page - Jewel Hill Electronic JH22176220BCNUWNTFEWN Datasheet HTML 8Page - Jewel Hill Electronic JH22176220BCNUWNTFEWN Datasheet HTML 9Page - Jewel Hill Electronic JH22176220BCNUWNTFEWN Datasheet HTML 10Page - Jewel Hill Electronic JH22176220BCNUWNTFEWN Datasheet HTML 11Page - Jewel Hill Electronic JH22176220BCNUWNTFEWN Datasheet HTML 12Page - Jewel Hill Electronic JH22176220BCNUWNTFEWN Datasheet HTML 13Page - Jewel Hill Electronic JH22176220BCNUWNTFEWN Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH22176220B
VER: 1.0
- 9 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
PIN
NO. PIN OUT
FUNCTION DESCRIPTION
1
DB15
Data Bus
2
DB14
Data Bus
3
DB13
Data Bus
4
DB12
Data Bus
5
DB11
Data Bus
6
DB10
Data Bus
7
DB9
Data Bus
8
DB8
Data Bus
9
GND
Ground
10
DB7
Data Bus(NC)
11
DB6
Data Bus(NC)
12
DB5
Data Bus(NC)
13
DB4
Data Bus(NC)
14
DB3
Data Bus(NC)
15
DB2
Data Bus(NC)
16
DB1
Data Bus(NC)
17
DB0
Data Bus(NC)
18
VCC
Power Supply
19
VCI
Power Supply
20
RD
Read signal
21
WR
Read/Write execution control pin
22
RS
Command/data select
23
CS
Chip select input pin
24
RESET
System Reset Pin
25
IM0
The MPU system interface mode select pin 0(NC)
26
GND
Ground
27
A
LED Positive
28
K1
LED Negative
29
K2
LED Negative
30
K3
LED Negative
31
YU+
Touch panel Up side
32
YD-
Touch panel down side
33
XR+
Touch panel Right side
34
XL-
Touch panel Left side
35
NC
No Connection
36
NC
No Connection


Similar Part No. - JH22176220BCNUWNTFEWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH22176220A JHE-JH22176220A Datasheet
1Mb / 23P
   SPECIFICATIONS FOR
JH22176220ACNUMNFFCWC JHE-JH22176220ACNUMNFFCWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR
JH22176220ACNUMNFFCWN JHE-JH22176220ACNUMNFFCWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR
JH22176220ACNUMNFFEWC JHE-JH22176220ACNUMNFFEWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR
JH22176220ACNUMNFFEWN JHE-JH22176220ACNUMNFFEWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR
More results

Similar Description - JH22176220BCNUWNTFEWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com