Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH22176220ACNUWNTZCWN Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH22176220ACNUWNTZCWN
Description  SPECIFICATIONS FOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH22176220ACNUWNTZCWN Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH22176220ACNUWNTZCWN Datasheet HTML 6Page - Jewel Hill Electronic JH22176220ACNUWNTZCWN Datasheet HTML 7Page - Jewel Hill Electronic JH22176220ACNUWNTZCWN Datasheet HTML 8Page - Jewel Hill Electronic JH22176220ACNUWNTZCWN Datasheet HTML 9Page - Jewel Hill Electronic JH22176220ACNUWNTZCWN Datasheet HTML 10Page - Jewel Hill Electronic JH22176220ACNUWNTZCWN Datasheet HTML 11Page - Jewel Hill Electronic JH22176220ACNUWNTZCWN Datasheet HTML 12Page - Jewel Hill Electronic JH22176220ACNUWNTZCWN Datasheet HTML 13Page - Jewel Hill Electronic JH22176220ACNUWNTZCWN Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH22176220A
VER: 1.0
- 9 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
PIN
NO.
PIN OUT
FUNCTION DESCRIPTION
1
GND
Ground
2
IOVCC
Power Supply(1.8-2.8)
3
VDD
Power Supply
4
CS
Chip select input pin
5
RS
Command/data select
6
WR
Read/Write execution control pin
7
RD
Read signal
8
DB0
Data Bus
9
DB1
Data Bus
10
DB2
Data Bus
11
DB3
Data Bus
12
DB4
Data Bus
13
DB5
Data Bus
14
DB6
Data Bus
15
DB7
Data Bus
16
DB8
Data Bus
17
DB9
Data Bus
18
DB10
Data Bus
19
DB11
Data Bus
20
DB12
Data Bus
21
DB13
Data Bus
22
DB14
Data Bus
23
DB15
Data Bus
24
/REST
System Reset Pin
25
IM0
The MPU 8/16bits system interface mode select pin 0
26
GND
Ground
27
YD
Touch panel down side (NC)
28
XL
Touch panel Left side (NC)
29
YU
Touch panel Up side (NC)
30
XR
Touch panel Right side (NC)
31
LED-K1
LED Negative
32
LED-K2
LED Negative
33
LED-K3
LED Negative
34
LED-A
LED Positive


Similar Part No. - JH22176220ACNUWNTZCWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH22176220B JHE-JH22176220B Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH22176220BCNUMNFFCWC JHE-JH22176220BCNUMNFFCWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH22176220BCNUMNFFCWN JHE-JH22176220BCNUMNFFCWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH22176220BCNUMNFFEWC JHE-JH22176220BCNUMNFFEWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH22176220BCNUMNFFEWN JHE-JH22176220BCNUMNFFEWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH22176220ACNUWNTZCWN

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1264M AZDISPLAYS-AGM1264M Datasheet
846Kb / 13P
   SPECIFICATIONS FOR SPECIFICATIONS FOR
ATM0280B23B AZDISPLAYS-ATM0280B23B Datasheet
401Kb / 16P
   SPECIFICATIONS FOR
logo
XFMRS Inc.
XFEB100505-601 XFMRS-XFEB100505-601_15 Datasheet
150Kb / 1P
   SPECIFICATIONS FOR APPROVAL
XFEB201209-121-5A XFMRS-XFEB201209-121-5A_15 Datasheet
62Kb / 1P
   SPECIFICATIONS FOR APPROVAL
XFEB201209-220-6A XFMRS-XFEB201209-220-6A_15 Datasheet
27Kb / 1P
   SPECIFICATIONS FOR APPROVAL
XFEB201209-600-3A XFMRS-XFEB201209-600-3A_15 Datasheet
61Kb / 1P
   SPECIFICATIONS FOR APPROVAL
XFEB321611-601-0.5A XFMRS-XFEB321611-601-0.5A_15 Datasheet
32Kb / 1P
   SPECIFICATIONS FOR APPROVAL
XFEB321611-601-1.5A XFMRS-XFEB321611-601-1.5A_15 Datasheet
73Kb / 2P
   SPECIFICATIONS FOR APPROVAL
XFEB453215-115-2A XFMRS-XFEB453215-115-2A_15 Datasheet
140Kb / 1P
   SPECIFICATIONS FOR APPROVAL
XFEB453215-800-6A XFMRS-XFEB453215-800-6A_15 Datasheet
27Kb / 1P
   SPECIFICATIONS FOR APPROVAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com