Electronic Components Datasheet Search |
|
JH32240400ACNUNNFHCWC Datasheet(PDF) 6 Page - Jewel Hill Electronic |
|
JH32240400ACNUNNFHCWC Datasheet(HTML) 6 Page - Jewel Hill Electronic |
6 / 23 page JH32240400A VER: 0.1 - 5 - Issue date: 2013/08/01 JEWEL HILL ELECTRONIC CO.,LTD. 4.ELECTRICAL SPECIFICATION. MAIN WINDOW DISPLAY (Unless specified, the ambient temperature Ta=25℃) Properties Sym. Min Typ. Max Unit Note Power for Circuit Driving VDD 1.65 2.8 3.3 V Note Power for Circuit Logic VCI 2.7 2.8 3.3 V Note BLU Driving Logic Vbat - - - V Low Voltage VIL 0 - 0.2VDD V Logic Input Voltage High Voltage VIH 0.8VDD - VDD V Low Voltage VOL 0 - 0.1VDD V Logic Output Voltage High Voltage VOH 0.9VDD - VDD V White P BBBBBBBBB w BBBBBBBBB T.B.D T.B.D T.B.D mW Black P BBBBBBBBB b BBBBBBBBB T.B.D T.B.D T.B.D mW Power Consumption Vertical Stripe P BBBBBBBBB v BBBBBBBBB T.B.D T.B.D T.B.D mW Note: The recommended operating conditions refer to a range in which operation of this product is guaranteed. Should this range is exceeded, the operation cannot be guaranteed even if the values may be without the absolute maximum ratings. Accordingly, please make sure that the module is used within this range. And these current values are measured under the condition that all devices are stopped, each component is stable and logic signal is input. |
Similar Part No. - JH32240400ACNUNNFHCWC |
|
Similar Description - JH32240400ACNUNNFHCWC |