Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH30320240CCNUMNTZEWN Datasheet(PDF) 11 Page - Jewel Hill Electronic

Part # JH30320240CCNUMNTZEWN
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH30320240CCNUMNTZEWN Datasheet(HTML) 11 Page - Jewel Hill Electronic

Back Button JH30320240CCNUMNTZEWN Datasheet HTML 7Page - Jewel Hill Electronic JH30320240CCNUMNTZEWN Datasheet HTML 8Page - Jewel Hill Electronic JH30320240CCNUMNTZEWN Datasheet HTML 9Page - Jewel Hill Electronic JH30320240CCNUMNTZEWN Datasheet HTML 10Page - Jewel Hill Electronic JH30320240CCNUMNTZEWN Datasheet HTML 11Page - Jewel Hill Electronic JH30320240CCNUMNTZEWN Datasheet HTML 12Page - Jewel Hill Electronic JH30320240CCNUMNTZEWN Datasheet HTML 13Page - Jewel Hill Electronic JH30320240CCNUMNTZEWN Datasheet HTML 14Page - Jewel Hill Electronic JH30320240CCNUMNTZEWN Datasheet HTML 15Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
JH30240400C
VER: 00
- 10 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
7.INTERFACE DESCRIPTION.
Pin NO.
Symbol
Description
1
YU
TOUCH PANEL Y_UP
2
XL
TOUCH PANEL X_LEFT
3
YD
TOUCH PANEL Y_DOWN
4
XR
TOUCH PANEL X_RIGHT
5
GND
GROUND
6
IOVCC
The
power supply 1.8V/2.8V
7
VCC
The
power supply 2.8V
8
FMARK
NC
9
CS
CHIP SELECT PIN
10
RS
Command/display data select pin
11
WR
Write enable clock input pin
12
RD
Read enable clock input pin
13~30
DB0~DB17
Data Bus
31
IM1
32
IM0
System interface
33
ID
NC
34
RESET
Reset pin
35
GND
GROUND
36
LED-A
LED+
37
LED-K1
LED-
38
LED-K2
LED-
39
LED-K3
LED-
40
LED-K4
LED-


Similar Part No. - JH30320240CCNUMNTZEWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH30240400A JHE-JH30240400A Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH30240400ACNUMNFFCWC JHE-JH30240400ACNUMNFFCWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH30240400ACNUMNFFCWN JHE-JH30240400ACNUMNFFCWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH30240400ACNUMNFFEWC JHE-JH30240400ACNUMNFFEWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH30240400ACNUMNFFEWN JHE-JH30240400ACNUMNFFEWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH30320240CCNUMNTZEWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com