Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGH31240F Datasheet(PDF) 7 Page - Cree, Inc

Part # CGH31240F
Description  240 W, 2700-3100 MHz, 50-ohm Input
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH31240F Datasheet(HTML) 7 Page - Cree, Inc

Back Button CGH31240F Datasheet HTML 3Page - Cree, Inc CGH31240F Datasheet HTML 4Page - Cree, Inc CGH31240F Datasheet HTML 5Page - Cree, Inc CGH31240F Datasheet HTML 6Page - Cree, Inc CGH31240F Datasheet HTML 7Page - Cree, Inc CGH31240F Datasheet HTML 8Page - Cree, Inc CGH31240F Datasheet HTML 9Page - Cree, Inc CGH31240F Datasheet HTML 10Page - Cree, Inc CGH31240F Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
CGH31240F Rev 2.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2010-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
CGH31240F-AMP Demonstration Amplifier Circuit Bill of Materials
Designator
Description
Qty
R1
RES, 511 OHM, +/- 1%, 1/16W, 0603
1
R2
RES, 5.1, OHM, +/- 1%, 1/16W, 0603
1
C1,C3
CAP, 10.0pF, +/-5%, 250V, 0603, ATC600S
2
C2
CAP, 6.8pF, +/- 0.25 pF, 250V, 0603, ATC600S
1
C4,C11
CAP, 470pF, +/-5%, 100V, 0603, X7R
2
C15
CAP, 33uF, 20%, G CASE
1
C5,C12
CAP, 33000 pF, 0805, 100V, X7R
2
C13
CAP, 1.0uF, 100V, 10%, X7R, 1210
1
C6
CAP, 10uF, 16V, TANTALUM
1
C9,C10
CAP, 10pF, +/- 1%, 250V, 0805
2
C16
CAP, 3300uF, +/-20%, 100V, ELECTROLYTIC
1
J1,J2
CONN, SMA, PANEL MOUNT JACK, FL
2
J3
HEADER, RT>PLZ, 0.1CEN LK 9POS
1
J4
CONNECTOR, SMB, STRAIGHT, JACK,SMD
1
W1
CABLE, 18 AWG, 4.2
1
L1
FERRITE, 22 OHM, 0805, BLM21PG220SN1
1
-
PCB, RO4350, 2.5 X 4.0 X 0.030
1
Q1
CGH31240F
1
CGH31240F-AMP Demonstration Amplifier Circuit


Similar Part No. - CGH31240F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH31240F WOLFSPEED-CGH31240F Datasheet
2Mb / 12P
   240 W, 2.7-3.1 GHz, 50-ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
Rev. 2.2, 2022-11-11
More results

Similar Description - CGH31240F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV31500F CREE-CGHV31500F Datasheet
722Kb / 10P
   500 W, 2700 - 3100 MHz, 50-Ohm Input
CGH35240F CREE-CGH35240F Datasheet
1Mb / 12P
   240 W, 3100-3500 MHz, 50-ohm Input/
CGHV59350 CREE-CGHV59350 Datasheet
3Mb / 12P
   350 W, 5200 - 5900 MHz, 50-Ohm Input
CGHV50200F CREE-CGHV50200F Datasheet
2Mb / 15P
   200 W, 4400 - 5000 MHz, 50-Ohm Input
CGHV35400F CREE-CGHV35400F Datasheet
829Kb / 11P
   400 W, 2900 - 3500 MHz, 50-Ohm Input
GTVA311801FA CREE-GTVA311801FA Datasheet
463Kb / 5P
   Thermally-Enhanced High Power RF GaN on SiC HEMT 180 W, 50 V, 2700 ??3100 MHz
logo
Microsemi Corporation
2731-100M MICROSEMI-2731-100M Datasheet
298Kb / 5P
   100 Watts, 36 Volts, 200us, 10% Radar 2700-3100 MHz
2731-20 MICROSEMI-2731-20 Datasheet
63Kb / 3P
   20Watts, 36 Volts, 100us, 10% Radar 2700-3100 MHz
logo
Cree, Inc
CGHV96050F1 CREE-CGHV96050F1 Datasheet
1Mb / 14P
   50 W, 7.9 - 9.6 GHz, 50-ohm, Input
CGH35060F2 CREE-CGH35060F2 Datasheet
1Mb / 11P
   60 W, 3100-3500 MHz, 28V, GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com