Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE66CX160S Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SLE66CX160S
Description  Security & Chip Card ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CX160S Datasheet(HTML) 3 Page - Infineon Technologies AG

  SLE66CX160S Datasheet HTML 1Page - Infineon Technologies AG SLE66CX160S Datasheet HTML 2Page - Infineon Technologies AG SLE66CX160S Datasheet HTML 3Page - Infineon Technologies AG SLE66CX160S Datasheet HTML 4Page - Infineon Technologies AG SLE66CX160S Datasheet HTML 5Page - Infineon Technologies AG SLE66CX160S Datasheet HTML 6Page - Infineon Technologies AG SLE66CX160S Datasheet HTML 7Page - Infineon Technologies AG SLE66CX160S Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SLE 66CX160S
Short Product Information
3 / 8
10.01
16-bit Security Controller SLE 66CX160S with
32-Kbyte ROM, 1980 Byte RAM,
16-Kbyte EEPROM and 1100-bit Advanced Crypto Engine
Features
16-bit microcomputer in 0.6 µm CMOS
technology
Instruction set opcode compatible with
standard SAB 8051 processor
Enhanced 16-bit arithmetic
Additional powerful instructions
optimized for chip card applications
Dedicated, non-standard architecture
with execution time six times faster
than standard SAB 8051 processor
31.5-Kbytes User ROM for application
programs
512-bytes reserved ROM for Resource
Management System (RMS) with
intelligent write/erase routines
16-Kbytes EEPROM as program/data
memory
256 (+ 700) bytes internal RAM
1-Kbyte external RAM (XRAM)
1100-bit Advanced Crypto Engine
(ACE) for fast execution of public key
crypto algorithms
True random number generator
Interrupt module for I/O interface
CRC Module
16-bit timer with 8-bit prescaler
Power saving sleep mode
Clock freq. = int. freq.: 1 to 7.5 MHz
Contact configuration and serial
interface in accordance with ISO 7816
Supply voltage range: 2.7 V to 5.5 V
Current consumption < 10 mA at 5 MHz
and 5.5 V
Temperature range: -25 to +70°C
ESD protection larger than 4 kV
EEPROM
Reading, erasing and writing byte by byte
Flexible page mode for 1 to 64 bytes
write/erase operation
32 bytes security area
Write time 3.6 ms, erase time 1.8 ms
Programming time adaptable to clock
frequency
Minimum of 500,000 write/erase cycles
Data retention for a minimum of ten years
EEPROM programming voltage
generated on chip
Security Features
Operation state monitoring mechanism
Low and high voltage sensors
Frequency sensors and filters
Memory Security
16 bytes security PROM, hardware
protected
Unique chip identification number for
each chip
MED – memory encryption/decryption
device for XRAM, ROM and EEPROM
True Random Number Generator with
Firmware test function
Security optimised layout and layout
scrambling
user settable additional encryption key
for EEPROM
Move code blocking (from EEPROM)
Support
HW-& SW-Tools (Emulator, ROM
Monitor,
Card
Emulator,
Simulator,
Softmasking)
Application notes (e.g.: T=0, T=1, DES,
RSA, RNG, etc.)


Similar Part No. - SLE66CX160S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66CX160P INFINEON-SLE66CX160P Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX160P-F7C INFINEON-SLE66CX160P-F7C Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX160P-F7M5 INFINEON-SLE66CX160P-F7M5 Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX160P-T85C INFINEON-SLE66CX160P-T85C Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX160P-T85M5 INFINEON-SLE66CX160P-T85M5 Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
More results

Similar Description - SLE66CX160S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com