Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLE66CX160S-C Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SLE66CX160S-C
Description  Security & Chip Card ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CX160S-C Datasheet(HTML) 5 Page - Infineon Technologies AG

  SLE66CX160S-C Datasheet HTML 1Page - Infineon Technologies AG SLE66CX160S-C Datasheet HTML 2Page - Infineon Technologies AG SLE66CX160S-C Datasheet HTML 3Page - Infineon Technologies AG SLE66CX160S-C Datasheet HTML 4Page - Infineon Technologies AG SLE66CX160S-C Datasheet HTML 5Page - Infineon Technologies AG SLE66CX160S-C Datasheet HTML 6Page - Infineon Technologies AG SLE66CX160S-C Datasheet HTML 7Page - Infineon Technologies AG SLE66CX160S-C Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SLE 66CX160S
Short Product Information
5 / 8
10.01
Features (cont’d)
Enhanced Crypto Performance
Operation
Modulus
Exponent
Calculation Time at 5 MHz
Modular Exponentiation
160 bit
160 bit
20 ms
Modular Exponentiation
256 bit
256 bit
35 ms
Modular Exponentiation
512 bit
512 bit
110 ms
Modular Exponentiation
RSA Encrypt / RSA Signature Verify
1024 bit
16 bit
20 ms
Modular Exponentiation
RSA Decrypt / RSA Signature Generate
1024 bit
1024 bit
820 ms
Modular Exponentiation using CRT
RSA Decrypt / RSA Signature Generate
eq.1024 bit eq.1024 bit 250 ms
DSA Signature Generate
512 bit
160 bit
145 ms
DSA Signature Verify
512 bit
160 bit
130 ms
DSA Signature Generate
1024 bit
160 bit
290 ms
DSA Signature Verify
1024 bit
160 bit
360 ms
Elliptic Curves EC-GDSA Sign. Generate 160 bit
160 bit
260 ms
Elliptic Curves EC-GDSA Sign. Verify.
160 bit
160 bit
550 ms


Similar Part No. - SLE66CX160S-C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66CX160P INFINEON-SLE66CX160P Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX160P-F7C INFINEON-SLE66CX160P-F7C Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX160P-F7M5 INFINEON-SLE66CX160P-F7M5 Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX160P-T85C INFINEON-SLE66CX160P-T85C Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX160P-T85M5 INFINEON-SLE66CX160P-T85M5 Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
More results

Similar Description - SLE66CX160S-C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com