Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGH35060-TB Datasheet(PDF) 10 Page - Cree, Inc

Part # CGH35060-TB
Description  60 W, 3100-3500 MHz, 28V, GaN HEMT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH35060-TB Datasheet(HTML) 10 Page - Cree, Inc

Back Button CGH35060-TB Datasheet HTML 3Page - Cree, Inc CGH35060-TB Datasheet HTML 4Page - Cree, Inc CGH35060-TB Datasheet HTML 5Page - Cree, Inc CGH35060-TB Datasheet HTML 6Page - Cree, Inc CGH35060-TB Datasheet HTML 7Page - Cree, Inc CGH35060-TB Datasheet HTML 8Page - Cree, Inc CGH35060-TB Datasheet HTML 9Page - Cree, Inc CGH35060-TB Datasheet HTML 10Page - Cree, Inc CGH35060-TB Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
CGH35060F2/P2 Rev 4.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.CREE
www.cree.com/rf
Copyright © 2013-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Product Ordering Information
Order Number
Description
Unit of Measure
Image
CGH35060F2
GaN HEMT (Flanged)
Each
CGH35060P1
GaN HEMT (Pill)
Each
CGH35060-TB
Test board without GaN HEMT
Each
CGH35060F2-AMP
Test board with GaN HEMT installed
Each


Similar Part No. - CGH35060-TB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH35060F1 CREE-CGH35060F1 Datasheet
2Mb / 12P
   60 W, 3.3-3.6 GHz, 28V, GaN HEMT for WiMAX, Broadband Wireless Access
CGH35060F1-AMP CREE-CGH35060F1-AMP Datasheet
2Mb / 12P
   60 W, 3.3-3.6 GHz, 28V, GaN HEMT for WiMAX, Broadband Wireless Access
CGH35060F1-TB CREE-CGH35060F1-TB Datasheet
2Mb / 12P
   60 W, 3.3-3.6 GHz, 28V, GaN HEMT for WiMAX, Broadband Wireless Access
logo
WOLFSPEED, INC.
CGH35060F1_P1 WOLFSPEED-CGH35060F1_P1 Datasheet
1Mb / 12P
   60 W, 3.3-3.6 GHz, 28V, GaN HEMT for WiMAX, Broadband Wireless Access
Rev. 3.3, 2022-10-28
CGH35060F2 WOLFSPEED-CGH35060F2 Datasheet
1Mb / 11P
   60 W, 3.1 - 3.5 GHz, 28 V, GaN HEMT
Rev. 4.4, 2022-10-28
More results

Similar Description - CGH35060-TB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH27060F CREE-CGH27060F Datasheet
824Kb / 8P
   60 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGH35240F CREE-CGH35240F Datasheet
1Mb / 12P
   240 W, 3100-3500 MHz, 50-ohm Input/
CGH27030F CREE-CGH27030F Datasheet
791Kb / 8P
   30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
logo
WOLFSPEED, INC.
CGH55030F1-P1 WOLFSPEED-CGH55030F1-P1 Datasheet
1Mb / 13P
   30 W, 5500-5800 MHz, 28V, GaN HEMT for WiMAX
Rev. 4.2, 2022-12-13
logo
Cree, Inc
CGH35015F CREE-CGH35015F Datasheet
773Kb / 9P
   15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH35030F CREE-CGH35030F Datasheet
760Kb / 8P
   30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH35030F CREE-CGH35030F_15 Datasheet
1Mb / 12P
   30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH27015F CREE-CGH27015F Datasheet
1Mb / 8P
   15 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGH35015 CREE-CGH35015 Datasheet
1,011Kb / 12P
   15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH55030F1 CREE-CGH55030F1 Datasheet
914Kb / 13P
   30 W, 5500-5800 MHz, 28V, GaN HEMT for WiMAX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com