Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGH40006P Datasheet(PDF) 4 Page - Cree, Inc

Part # CGH40006P
Description  6 W, RF Power GaN HEMT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40006P Datasheet(HTML) 4 Page - Cree, Inc

  CGH40006P Datasheet HTML 1Page - Cree, Inc CGH40006P Datasheet HTML 2Page - Cree, Inc CGH40006P Datasheet HTML 3Page - Cree, Inc CGH40006P Datasheet HTML 4Page - Cree, Inc CGH40006P Datasheet HTML 5Page - Cree, Inc CGH40006P Datasheet HTML 6Page - Cree, Inc CGH40006P Datasheet HTML 7Page - Cree, Inc CGH40006P Datasheet HTML 8Page - Cree, Inc CGH40006P Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
CGH40006P Rev 3.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2009-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Performance
Power Gain vs Output Power as a Function of Frequency
of the CGH40006P in the CGH40006P-AMP
V
DD = 28 V, IDQ = 100 mA
Drain Efficiency vs Output Power as a Function of Frequency
of the CGH40006P in the CGH40006P-AMP
V
DD = 28 V, IDQ = 100 mA
12
14
16
18
20
Gain vs Output power, 2,3,4,5 & 6 GHz
2.0 GHz
3.0 GHz
4.0 GHz
5.0 GHz
6.0 GHz
0
2
4
6
8
10
20
25
30
35
40
Output Power (dBm)
0%
10%
20%
30%
40%
50%
60%
70%
20
25
30
35
40
Output Power (dBm)
Eff vs Pout, 2,3,4,5 7 6 GHz
2.0 GHz
3.0 GHz
4.0 GHz
5.0 GHz
6.0 GHz


Similar Part No. - CGH40006P

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH40006P WOLFSPEED-CGH40006P Datasheet
3Mb / 14P
   6 W, RF Power GaN HEMT
Rev. 3.3, 2022-11-1
More results

Similar Description - CGH40006P

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH40006P WOLFSPEED-CGH40006P Datasheet
3Mb / 14P
   6 W, RF Power GaN HEMT
Rev. 3.3, 2022-11-1
logo
Cree, Inc
CGH40006S CREE-CGH40006S Datasheet
2Mb / 16P
   6 W, RF Power GaN HEMT, Plastic
logo
WOLFSPEED, INC.
CGH40006S WOLFSPEED-CGH40006S Datasheet
2Mb / 15P
   6 W, RF Power GaN HEMT, Plastic
Rev. 3.4, 2022-10-28
logo
Cree, Inc
CGH40090PP CREE-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
CGH40120F CREE-CGH40120F Datasheet
1Mb / 13P
   120 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40090PP WOLFSPEED-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
Rev 5.2 March 2020
CGH40120F WOLFSPEED-CGH40120F Datasheet
1Mb / 13P
   120 W, RF Power GaN HEMT
Rev 4.1 - March 2020
logo
Cree, Inc
CGH40010 CREE-CGH40010 Datasheet
948Kb / 12P
   10 W, RF Power GaN HEMT
CGH40045 CREE-CGH40045 Datasheet
1Mb / 12P
   45 W, RF Power GaN HEMT
CGH40120P CREE-CGH40120P Datasheet
1Mb / 12P
   120 W, RF Power GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com