Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGH40025 Datasheet(PDF) 5 Page - Cree, Inc

Part # CGH40025
Description  25 W, RF Power GaN HEMT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40025 Datasheet(HTML) 5 Page - Cree, Inc

  CGH40025 Datasheet HTML 1Page - Cree, Inc CGH40025 Datasheet HTML 2Page - Cree, Inc CGH40025 Datasheet HTML 3Page - Cree, Inc CGH40025 Datasheet HTML 4Page - Cree, Inc CGH40025 Datasheet HTML 5Page - Cree, Inc CGH40025 Datasheet HTML 6Page - Cree, Inc CGH40025 Datasheet HTML 7Page - Cree, Inc CGH40025 Datasheet HTML 8Page - Cree, Inc CGH40025 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
CGH40025 Rev 4.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2007-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Noise Performance
Simulated Minimum Noise Figure and Noise Resistance vs Frequency of the CGH40025F
V
DD = 28 V, IDQ = 250 mA
Electrostatic Discharge (ESD) Classifications
Parameter
Symbol
Class
Test Methodology
Human Body Model
HBM
1A > 250 V
JEDEC JESD22 A114-D
Charge Device Model
CDM
1 < 200 V
JEDEC JESD22 C101-C


Similar Part No. - CGH40025

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH40025 WOLFSPEED-CGH40025 Datasheet
2Mb / 14P
   25 W, RF Power GaN HEMT
Rev. 4.2, 2022-12-13
logo
Cree, Inc
CGH40025F CREE-CGH40025F Datasheet
1Mb / 12P
   25 W, RF Power GaN HEMT
More results

Similar Description - CGH40025

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40025F CREE-CGH40025F Datasheet
1Mb / 12P
   25 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40025 WOLFSPEED-CGH40025 Datasheet
2Mb / 14P
   25 W, RF Power GaN HEMT
Rev. 4.2, 2022-12-13
CG2H40025 WOLFSPEED-CG2H40025 Datasheet
3Mb / 14P
   25 W, 28 V RF Power GaN HEMT
Rev. 1.5, 2022-10-14
logo
Cree, Inc
CG2H40025 CREE-CG2H40025 Datasheet
1Mb / 14P
   25 W, 28 V RF Power GaN HEMT
CGH40090PP CREE-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
CGH40120F CREE-CGH40120F Datasheet
1Mb / 13P
   120 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40090PP WOLFSPEED-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
Rev 5.2 March 2020
CGH40120F WOLFSPEED-CGH40120F Datasheet
1Mb / 13P
   120 W, RF Power GaN HEMT
Rev 4.1 - March 2020
logo
Cree, Inc
CGH40010 CREE-CGH40010 Datasheet
948Kb / 12P
   10 W, RF Power GaN HEMT
CGH40045 CREE-CGH40045 Datasheet
1Mb / 12P
   45 W, RF Power GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com