Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGH40045F-AMP Datasheet(PDF) 10 Page - Cree, Inc

Part # CGH40045F-AMP
Description  45 W, RF Power GaN HEMT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40045F-AMP Datasheet(HTML) 10 Page - Cree, Inc

Back Button CGH40045F-AMP Datasheet HTML 6Page - Cree, Inc CGH40045F-AMP Datasheet HTML 7Page - Cree, Inc CGH40045F-AMP Datasheet HTML 8Page - Cree, Inc CGH40045F-AMP Datasheet HTML 9Page - Cree, Inc CGH40045F-AMP Datasheet HTML 10Page - Cree, Inc CGH40045F-AMP Datasheet HTML 11Page - Cree, Inc CGH40045F-AMP Datasheet HTML 12Page - Cree, Inc CGH40045F-AMP Datasheet HTML 13Page - Cree, Inc CGH40045F-AMP Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
CGH40045 Rev 4.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2006-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
CGH40045-AMP Demonstration Amplifier Circuit Bill of Materials
Designator
Description
Qty
C1
CAP, 0.8pF, ± 0.1 pF, 0603
1
C2
CAP, 2.2pF, ± 0.1 pF, 0603
1
C4,C11,C17
CAP, 10.0pF, +/-5%, 0603, ATC
3
C6,C13, C19
CAP, 470pF ±5 %, 100 V, 0603, X7R
3
C7,C14,C20
CAP,33000PF, 0805,100V, X7R
3
C8
CAP, 10UF, 16V, SMT, TANTALUM
1
C10
CAP, 8.2pF ±5%, ATC100B
1
C15,C21
CAP, 1.0UF ±10%, 100V, 1210, X7R
2
C5,C12,C18,C30,C31
CAP, 82.0pF, ±5%, 0603
5
C16,C22
CAP, 33UF, 20%, G CASE
2
R2
RES, 1/16W, 0603, 100 Ohms 1%
1
R1
RES, 1/16W, 0603, 5.1 Ohms 1%
1
J2,J3
CONN, SMA, PANEL MOUNT JACK, FLANGE
2
J1
CONN, HEADER, RT>PLZ .1CEN LK 9POS
1
-
PCB, RO4350B, Er = 3.48, h = 20 mil
1
Q1
CGH40045
1
CGH40045-AMP Demonstration Amplifier Circuit


Similar Part No. - CGH40045F-AMP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40045 CREE-CGH40045 Datasheet
1Mb / 12P
   45 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40045 WOLFSPEED-CGH40045 Datasheet
4Mb / 15P
   45 W, DC - 4 GHz RF Power GaN HEMT
Rev. 5.0, 2022-8-4
More results

Similar Description - CGH40045F-AMP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40045 CREE-CGH40045 Datasheet
1Mb / 12P
   45 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40045 WOLFSPEED-CGH40045 Datasheet
4Mb / 15P
   45 W, DC - 4 GHz RF Power GaN HEMT
Rev. 5.0, 2022-8-4
logo
Cree, Inc
CG2H40045 CREE-CG2H40045 Datasheet
1Mb / 14P
   45 W, DC - 4 GHz RF Power GaN HEMT
logo
WOLFSPEED, INC.
CG2H40045 WOLFSPEED-CG2H40045 Datasheet
3Mb / 14P
   45 W, DC - 4 GHz RF Power GaN HEMT
Rev. 3.0, 2022-7-20
logo
Cree, Inc
CGH40090PP CREE-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
CGH40120F CREE-CGH40120F Datasheet
1Mb / 13P
   120 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40090PP WOLFSPEED-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
Rev 5.2 March 2020
CGH40120F WOLFSPEED-CGH40120F Datasheet
1Mb / 13P
   120 W, RF Power GaN HEMT
Rev 4.1 - March 2020
logo
Cree, Inc
CGH40010 CREE-CGH40010 Datasheet
948Kb / 12P
   10 W, RF Power GaN HEMT
CGH40120P CREE-CGH40120P Datasheet
1Mb / 12P
   120 W, RF Power GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com