Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGH55015-TB Datasheet(PDF) 4 Page - Cree, Inc

Part # CGH55015-TB
Description  10 W, C-band, Unmatched, GaN HEMT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH55015-TB Datasheet(HTML) 4 Page - Cree, Inc

  CGH55015-TB Datasheet HTML 1Page - Cree, Inc CGH55015-TB Datasheet HTML 2Page - Cree, Inc CGH55015-TB Datasheet HTML 3Page - Cree, Inc CGH55015-TB Datasheet HTML 4Page - Cree, Inc CGH55015-TB Datasheet HTML 5Page - Cree, Inc CGH55015-TB Datasheet HTML 6Page - Cree, Inc CGH55015-TB Datasheet HTML 7Page - Cree, Inc CGH55015-TB Datasheet HTML 8Page - Cree, Inc CGH55015-TB Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
CGH55015F2_P2 Rev 4.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/wireless
Copyright © 2008-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Performance
Simulated Maximum Available Gain and K Factor of the CGH55015F2/CGH55015P2
V
DD = 28 V, IDQ = 200 mA
Typical Noise Performance
Simulated Minimum Noise Figure and Noise Resistance vs Frequency
of the CGH55015F2/CGH55015P2
V
DD = 28 V, IDQ = 200 mA
Electrostatic Discharge (ESD) Classifications
Parameter
Symbol
Class
Test Methodology
Human Body Model
HBM
1A > 250 V
JEDEC JESD22 A114-D
Charge Device Model
CDM
1 < 200 V
JEDEC JESD22 C101-C


Similar Part No. - CGH55015-TB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH55015-TB CREE-CGH55015-TB Datasheet
1Mb / 13P
   15 W, 5500-5800 MHz, GaN HEMT for WiMAX
More results

Similar Description - CGH55015-TB

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH55015F2-P2 WOLFSPEED-CGH55015F2-P2 Datasheet
3Mb / 11P
   10 W, C-Band, Unmatched, GaN HEMT
Rev. 4.2, 2022-12-13
logo
Cree, Inc
CGH55030F2 CREE-CGH55030F2_12 Datasheet
2Mb / 10P
   25 W, C-band, Unmatched, GaN HEMT
CGH55030F2 CREE-CGH55030F2 Datasheet
1Mb / 10P
   25 W, C-band, Unmatched, GaN HEMT
CGH40010 CREE-CGH40010 Datasheet
948Kb / 12P
   10 W, RF Power GaN HEMT
CGH40010 CREE-CGH40010_15 Datasheet
1Mb / 15P
   10 W, RF Power GaN HEMT
CG2H40010 CREE-CG2H40010 Datasheet
2Mb / 14P
   10 W, DC - 6 GHz, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40010 WOLFSPEED-CGH40010 Datasheet
1Mb / 16P
   10 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 4.4, 2022-10-28
CG2H40010 WOLFSPEED-CG2H40010 Datasheet
1Mb / 14P
   10 W, DC - 8 GHz, RF Power GaN HEMT
Rev. 2.0, 2022-7-7
logo
HBH Microwave GmbH
HA5006 HBH-HA5006 Datasheet
15Kb / 1P
   C-Band 10 W Amplifier
logo
Cree, Inc
CGH40090PP CREE-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com