Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGH60120D Datasheet(PDF) 4 Page - Cree, Inc

Part # CGH60120D
Description  120 W, 6.0 GHz, GaN HEMT Die
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH60120D Datasheet(HTML) 4 Page - Cree, Inc

  CGH60120D Datasheet HTML 1Page - Cree, Inc CGH60120D Datasheet HTML 2Page - Cree, Inc CGH60120D Datasheet HTML 3Page - Cree, Inc CGH60120D Datasheet HTML 4Page - Cree, Inc CGH60120D Datasheet HTML 5Page - Cree, Inc CGH60120D Datasheet HTML 6Page - Cree, Inc CGH60120D Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
CGH60120D Rev 3.1
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/wireless
Copyright © 2006-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree
and the Cree logo are registered trademarks of Cree, Inc. Other trademarks, product and company names are the property of their
respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
Typical Performance
Simulated Maximum Available Gain and K Factor of the CGH60120D
V
DD = 28 V, IDQ = 1000 mA
Intrinsic die parameters - reference planes at centers of gate and drain bonding pads. No wire bonds assumed.
Typical Noise Performance
Simulated Minimum Noise Figure and Noise Resistance vs Frequency of the CGH60120D
V
DD = 28 V, IDQ = 1000 mA


Similar Part No. - CGH60120D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH60120D WOLFSPEED-CGH60120D Datasheet
1Mb / 8P
   120 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-2
More results

Similar Description - CGH60120D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH60120D WOLFSPEED-CGH60120D Datasheet
1Mb / 8P
   120 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-2
logo
Cree, Inc
CGH60060D CREE-CGH60060D Datasheet
618Kb / 7P
   60 W, 6.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CGH60008D WOLFSPEED-CGH60008D Datasheet
977Kb / 9P
   8 W, 6.0 GHz, GaN HEMT Die
Rev. 1.2, 2022-11-23
CGH60015D WOLFSPEED-CGH60015D Datasheet
980Kb / 9P
   15 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
CGH60060D WOLFSPEED-CGH60060D Datasheet
1Mb / 8P
   60 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-2
logo
Cree, Inc
CGH60008D CREE-CGH60008D Datasheet
528Kb / 8P
   8 W, 6.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CGH60030D WOLFSPEED-CGH60030D Datasheet
1Mb / 9P
   30 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
logo
Cree, Inc
CGH60030D CREE-CGH60030D Datasheet
622Kb / 8P
   30 W, 6.0 GHz, GaN HEMT Die
CGHV60040D CREE-CGHV60040D Datasheet
654Kb / 7P
   40 W, 6.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CGHV60075D5 WOLFSPEED-CGHV60075D5 Datasheet
965Kb / 8P
   75 W, 6.0 GHz, GaN HEMT Die
Rev. 1.3, 2022-12-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com