Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV1F006S-AMP2 Datasheet(PDF) 1 Page - Cree, Inc

Part # CGHV1F006S-AMP2
Description  6 W, DC - 18 GHz, 40V, GaN HEMT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV1F006S-AMP2 Datasheet(HTML) 1 Page - Cree, Inc

  CGHV1F006S-AMP2 Datasheet HTML 1Page - Cree, Inc CGHV1F006S-AMP2 Datasheet HTML 2Page - Cree, Inc CGHV1F006S-AMP2 Datasheet HTML 3Page - Cree, Inc CGHV1F006S-AMP2 Datasheet HTML 4Page - Cree, Inc CGHV1F006S-AMP2 Datasheet HTML 5Page - Cree, Inc CGHV1F006S-AMP2 Datasheet HTML 6Page - Cree, Inc CGHV1F006S-AMP2 Datasheet HTML 7Page - Cree, Inc CGHV1F006S-AMP2 Datasheet HTML 8Page - Cree, Inc CGHV1F006S-AMP2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
Subject to change without notice.
www.cree.com/rf
CGHV1F006S
6 W, DC - 18 GHz, 40V, GaN HEMT
Cree’s CGHV1F006S is an unmatched, gallium nitride (GaN) high electron mobility transistor
(HEMT) designed specifically for high efficiency, high gain and wide bandwidth capabilities.
The device can be deployed for L, S, C, X and Ku-Band amplifier applications. The datasheet
specifications are based on a C-Band (5.5 - 6.5 GHz) amplifier. Additional application
circuits are available for C-Band at 5.8 GHz - 7.2 GHz and X-Band at 7.9 - 8.4 GHz and 8.5 -
9.6 GHz. The CGHV1F006S operates on a 40 volt rail circuit while housed in a 3mm x 4mm,
surface mount, dual-flat-no-lead (DFN) package. Under reduced power, the transistor can
operate below 40V to as low as 20V V
DD, maintaining high gain and efficiency.
Package Type: 3x4 DFN
PN: CGHV1F006S
Features for 40 V in CGHV1F006S-AMP
Up to 18 GHz Operation
8 W Typical Output Power
17 dB Gain at 6.0 GHz
15 dB Gain at 9.0 GHz
Application circuits for 5.8 - 7.2 GHz, 7.9 - 8.4 GHz, and 8.5 - 9.6 GHz.
High degree of APD and DPD correction can be applied
Typical Performance 5.5-6.5 GHz (T
C = 25˚C) , 40 V
Parameter
5.5 GHz
6.0 GHz
6.5 GHz
Units
Small Signal Gain
15.4
16.5
17.8
dB
Output Power @ P
IN = 28 dBm
38.6
39.3
39.0
dBm
Drain Efficiency @ P
IN = 28 dBm
55
57
52
%
Note:
Measured in the CGHV1F006S-AMP application circuit. Pulsed 100 µs 10% duty.
Listing of Available Hardware Application Circuits / Demonstration Circuits
Application Circuit
Operating Frequency
Amplifier Class
Operating Voltage
CGHV1F006S-AMP1
5.85 - 7.2 GHz
Class A/B
40 V
CGHV1F006S-AMP2
7.9 - 8.4 GHz
Class A/B
40 V
CGHV1F006S-AMP3
8.5 - 9.6 GHz
Class A/B
40 V
CGHV1F006S-AMP4
4.9 - 5.9 GHz
Class A/B
20 V


Similar Part No. - CGHV1F006S-AMP2

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV1F006S WOLFSPEED-CGHV1F006S Datasheet
3Mb / 22P
   6 W, DC - 15 GHz, 40 V, GaN HEMT
Rev. 6.0, 2022-8-3
More results

Similar Description - CGHV1F006S-AMP2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV1F025S CREE-CGHV1F025S Datasheet
972Kb / 9P
   25 W, DC - 15 GHz, 40V, GaN HEMT
CGHV40030 CREE-CGHV40030 Datasheet
1Mb / 11P
   30 W, DC - 6 GHz, 50V, GaN HEMT
CG2H40010 CREE-CG2H40010 Datasheet
2Mb / 14P
   10 W, DC - 6 GHz, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGHV1F006S WOLFSPEED-CGHV1F006S Datasheet
3Mb / 22P
   6 W, DC - 15 GHz, 40 V, GaN HEMT
Rev. 6.0, 2022-8-3
CG2H40035 WOLFSPEED-CG2H40035 Datasheet
2Mb / 21P
   35 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 1.0, 2022-7-7
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
   30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
CGH40010 WOLFSPEED-CGH40010 Datasheet
1Mb / 16P
   10 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 4.4, 2022-10-28
CGHV1J006D WOLFSPEED-CGHV1J006D Datasheet
868Kb / 9P
   6 W, 18.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
logo
Cree, Inc
CGHV1J006D CREE-CGHV1J006D Datasheet
707Kb / 9P
   6 W, 18.0 GHz, GaN HEMT Die
CGHV27030S CREE-CGHV27030S Datasheet
3Mb / 28P
   30 W, DC - 6.0 GHz, GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com