Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV1F006S-AMP4 Datasheet(PDF) 7 Page - Cree, Inc

Part # CGHV1F006S-AMP4
Description  6 W, DC - 18 GHz, 40V, GaN HEMT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV1F006S-AMP4 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CGHV1F006S-AMP4 Datasheet HTML 3Page - Cree, Inc CGHV1F006S-AMP4 Datasheet HTML 4Page - Cree, Inc CGHV1F006S-AMP4 Datasheet HTML 5Page - Cree, Inc CGHV1F006S-AMP4 Datasheet HTML 6Page - Cree, Inc CGHV1F006S-AMP4 Datasheet HTML 7Page - Cree, Inc CGHV1F006S-AMP4 Datasheet HTML 8Page - Cree, Inc CGHV1F006S-AMP4 Datasheet HTML 9Page - Cree, Inc CGHV1F006S-AMP4 Datasheet HTML 10Page - Cree, Inc CGHV1F006S-AMP4 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
CGHV1F006S Rev 2.2
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2013 - 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Electrical Characteristics When Tested in CGHV1F006S-AMP2 at X-Band, SATCOM
Characteristics
Symbol
Min.
Typ.
Max.
Units
Conditions
RF Characteristics1 (T
C = 25˚C, F0 = 7.9 - 8.4 GHz unless otherwise noted)
Gain
G
15
-
dB
V
DD = 40 V, IDQ = 60 mA, PIN = 0 dBm
Output Power2
P
OUT
39
dBm
V
DD = 40 V, IDQ = 60 mA, PIN = 28 dBm
Drain Efficiency2
η
55
-
%
V
DD = 40 V, IDQ = 60 mA, PIN = 28 dBm
OQPSK3
ACLR
-
-37
-
dBc
V
DD = 40 V, IDQ = 60 mA, POUT = 33 dBm
Output Mismatch Stress2
VSWR
10 : 1
Y
No damage at all phase angles,
V
DD = 40 V, IDQ = 60 mA, PIN = 28 dBm
Notes:
1
Measured in CGHV1F006S-AMP2 Application Circuit
2
Pulsed 100 µs, 10% duty cycle
3
OQPSK modulated signal, 1.6 msps, PN23, Alpha Filter = 0.2 Offset = 1.6 MHz
Typical Performance in Application Circuit CGHV1F006S-AMP2 at X-Band, SATCOM
Figure 5. - Typical Small Signal Response of CGHV1F006S-AMP2 Application Circuit
V
DD = 40 V, IDQ = 60 mA
0
10
20
30
-30
-20
-10
7.0
7.2
7.4
7.6
7.8
8.0
8.2
8.4
8.6
8.8
9.0
Frequency (GHz)
S21
S11
S22


Similar Part No. - CGHV1F006S-AMP4

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV1F006S WOLFSPEED-CGHV1F006S Datasheet
3Mb / 22P
   6 W, DC - 15 GHz, 40 V, GaN HEMT
Rev. 6.0, 2022-8-3
More results

Similar Description - CGHV1F006S-AMP4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV1F025S CREE-CGHV1F025S Datasheet
972Kb / 9P
   25 W, DC - 15 GHz, 40V, GaN HEMT
CGHV40030 CREE-CGHV40030 Datasheet
1Mb / 11P
   30 W, DC - 6 GHz, 50V, GaN HEMT
CG2H40010 CREE-CG2H40010 Datasheet
2Mb / 14P
   10 W, DC - 6 GHz, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGHV1F006S WOLFSPEED-CGHV1F006S Datasheet
3Mb / 22P
   6 W, DC - 15 GHz, 40 V, GaN HEMT
Rev. 6.0, 2022-8-3
CG2H40035 WOLFSPEED-CG2H40035 Datasheet
2Mb / 21P
   35 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 1.0, 2022-7-7
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
   30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
CGH40010 WOLFSPEED-CGH40010 Datasheet
1Mb / 16P
   10 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 4.4, 2022-10-28
CGHV1J006D WOLFSPEED-CGHV1J006D Datasheet
868Kb / 9P
   6 W, 18.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
logo
Cree, Inc
CGHV1J006D CREE-CGHV1J006D Datasheet
707Kb / 9P
   6 W, 18.0 GHz, GaN HEMT Die
CGHV27030S CREE-CGHV27030S Datasheet
3Mb / 28P
   30 W, DC - 6.0 GHz, GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com