Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL200CA-20 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EL200CA-20
Description  10/100BASE-TX to 100BASE-BX WDM Media Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EL200CA-20 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EL200CA-20 Datasheet HTML 1Page - Axiomtek Co., Ltd. EL200CA-20 Datasheet HTML 2Page - Axiomtek Co., Ltd. EL200CA-20 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EL200 / EL210 Series
www.EtherWAN.com
1
rev. A1.2
Overview
The EL200 / EL210 Series provide media conversion between 10/100BASE-T(X) and 100BASE-FX Fiber. Easy plug-and-play design
facilitates network infrastructure construction. Through DIP switch selection, Link-Fault-Pass-Through (LFPT) function can be active
or disabled.
The EL200 / EL210 series is designed for WDM fiber connection applications. This commercial grade media converter supports
EtherWAN EMC1600 chassis system for easy group installation. The EL200 / EL210 are the ideal media converter for enterprise
environments.
EtherWAN – “When Connectivity is Crucial”.
Spotlight
WDMMediaConverter
◦ Supports multi-mode and single mode fiber line with WDM fiber port
DIPSwitchConfigurable
◦ Link-fault-pass-through enable or disable
◦ Full-duplex or half-duplex of Ethernet port enable or disable
◦ Full-duplex or half-duplex of fiber port enable or disable
Link-Fault-Pass-Through(LFPT)
◦ LFPT function let network operators be aware of network connection status
◦ When fiber link is down, LFPT function will turn down Ethernet port to inform connected device that the link is down and vice
versa
EL200/EL210Series
10/100BASE-TXto100BASE-BXWDMMediaConverter


Similar Part No. - EL200CA-20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2001 INTERSIL-EL2001 Datasheet
222Kb / 6P
   Low Power, 70MHz Buffer Amplifier
logo
Elantec Semiconductor
EL2001ACN ELANTEC-EL2001ACN Datasheet
278Kb / 12P
   Low Power, 70 MHz Buffer Amplifier
logo
Intersil Corporation
EL2001ACN INTERSIL-EL2001ACN Datasheet
222Kb / 6P
   Low Power, 70MHz Buffer Amplifier
logo
Elantec Semiconductor
EL2001C ELANTEC-EL2001C Datasheet
278Kb / 12P
   Low Power, 70 MHz Buffer Amplifier
EL2001CM ELANTEC-EL2001CM Datasheet
278Kb / 12P
   Low Power, 70 MHz Buffer Amplifier
More results

Similar Description - EL200CA-20

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EL100 AXIOMTEK-EL100 Datasheet
542Kb / 3P
   10/100BASE-TX to 100BASE-FX Media Converter
EL900 AXIOMTEK-EL900_17 Datasheet
835Kb / 4P
   Hardened 10/100BASE-TX to 100BASE-FX Media Converter
logo
THOR communications
F-FE-TR THOR-F-FE-TR Datasheet
366Kb / 2P
   Enhanced 10/100Base-TX to 100Base-FX Media Converter
logo
List of Unclassifed Man...
IP113ALF ETC2-IP113ALF Datasheet
270Kb / 22P
   10 /100Base-Tx/Fx Media Converter
logo
Axiomtek Co., Ltd.
EL1141 AXIOMTEK-EL1141_17 Datasheet
696Kb / 4P
   IEC61850/IEEE1613 Hardened 10/100BASE-TX to 100BASE-FX Media Converter
logo
List of Unclassifed Man...
IP113MLF ETC2-IP113MLF Datasheet
690Kb / 58P
   Managed 10/100Base-TX / FX Media Converter
IP113F ETC2-IP113F Datasheet
1Mb / 46P
   Managed 10/100Base-TX / FX Media Converter
logo
Axiomtek Co., Ltd.
EL1032T AXIOMTEK-EL1032T Datasheet
330Kb / 4P
   Industrial 10/100BASE-TX to 100BASE-FX Media Converter with PoE/PSE
logo
Level One
FVT-2002 LVL1-FVT-2002 Datasheet
650Kb / 4P
   10/100BASE-TX to 100BASE-FX MMF ST Converter,
FVT-2401 LVL1-FVT-2401 Datasheet
644Kb / 4P
   10/100BASE-TX to 100BASE-FX SMF SC Converter, 40km
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com