Electronic Components Datasheet Search |
|
JH35320480ACNRMNFZLWC Datasheet(PDF) 4 Page - Jewel Hill Electronic |
|
JH35320480ACNRMNFZLWC Datasheet(HTML) 4 Page - Jewel Hill Electronic |
4 / 24 page JH35320480A VER: 0.1 - 3 - Issue date: 2013/08/01 JEWEL HILL ELECTRONIC CO.,LTD. 1. GENERAL INFORMATION. 1.1. Description. The JH35320480A model is a Color TFT LCD .This main Module has a 3.5 inch diagonally measured active display area with 320(RGB)×480 resolution. Each pixel is divided into Red, Green and Blue sub-pixels and dots which are arranged in vertical stripes. The LCD color is determined with 262,000 colors signal for each pixel. The JH35320480A has been designed to apply the interface method that enables low power, high speed, and high contrast. The JH35320480A is intended to support applications where thin thickness, full viewing angle and low power are critical factors and graphic displays are important. 1.2. Function&Feaures. Item Contents Unit LCD type TFT / Viewing direction Full viewin angle / Module area (WxHxT) 55.44(W) x 85.00(H)x2.05 mm Active area(WxH) 48.96(W)×73.44(H) mm Number of Dots 320x(RGB)x480Pixels dots Pixel Pitch 0.1545x0.1545 mm Interface Type System parallel interface / Colour 262k / Driver IC RM68040(COG) / Backligth Type LED(White,6pcs LED) / Module power consumption 305 mW Input volygae 2.8 V |
Similar Part No. - JH35320480ACNRMNFZLWC |
|
Similar Description - JH35320480ACNRMNFZLWC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |