Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV1J070D Datasheet(PDF) 7 Page - Cree, Inc

Part # CGHV1J070D
Description  70 W, 18.0 GHz, GaN HEMT Die
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV1J070D Datasheet(HTML) 7 Page - Cree, Inc

  CGHV1J070D Datasheet HTML 1Page - Cree, Inc CGHV1J070D Datasheet HTML 2Page - Cree, Inc CGHV1J070D Datasheet HTML 3Page - Cree, Inc CGHV1J070D Datasheet HTML 4Page - Cree, Inc CGHV1J070D Datasheet HTML 5Page - Cree, Inc CGHV1J070D Datasheet HTML 6Page - Cree, Inc CGHV1J070D Datasheet HTML 7Page - Cree, Inc CGHV1J070D Datasheet HTML 8Page - Cree, Inc CGHV1J070D Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
CGHV1J070D Rev 0.5
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2011-2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree
and the Cree logo are registered trademarks of Cree, Inc. Other trademarks, product and company names are the property of their
respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
Typical S-Parameters for CGHV1J070D
(Small Signal, V
DS = 40 V, IDQ = 720 mA, angle in degrees)
Frequency
Mag S11
Ang S11
Mag S21
Ang S21
Mag S12
Ang S12
Mag S22
Ang S22
500 MHz
0.956
-167.23
12.34
87.98
0.008
-1.48
0.639
-170.66
1.00 GHz
0.958
-173.22
6.04
77.07
0.008
-11.78
0.664
-169.66
1.50 GHz
0.961
-175.13
3.87
68.67
0.008
-19.59
0.696
-168.00
2.00 GHz
0.964
-176.05
2.76
61.38
0.007
-26.29
0.731
-166.94
2.50 GHz
0.968
-176.62
2.08
54.97
0.007
-32.11
0.766
-166.50
3.00 GHz
0.971
-177.03
1.63
49.32
0.007
-37.17
0.797
-166.52
3.50 GHz
0.974
-177.36
1.31
44.34
0.006
-41.56
0.825
-166.85
4.00 GHz
0.977
-177.64
1.07
39.94
0.006
-45.36
0.848
-167.34
4.50 GHz
0.979
-177.89
0.89
36.05
0.005
-48.66
0.868
-167.91
5.00 GHz
0.981
-178.11
0.75
32.60
0.005
-51.52
0.885
-168.52
5.50 GHz
0.983
-178.31
0.64
29.50
0.005
-54.01
0.899
-169.13
6.00 GHz
0.984
-178.50
0.55
26.72
0.004
-56.19
0.910
-169.72
6.50 GHz
0.986
-178.67
0.48
24.21
0.004
-58.10
0.920
-170.28
7.00 GHz
0.987
-178.83
0.42
21.92
0.004
-59.77
0.929
-170.81
7.50 GHz
0.987
-178.98
0.38
19.83
0.004
-61.25
0.936
-171.30
8.00 GHz
0.988
-179.12
0.34
17.91
0.003
-62.56
0.942
-171.76
8.50 GHz
0.989
-179.26
0.30
16.13
0.003
-63.71
0.948
-172.19
9.00 GHz
0.990
-179.38
0.27
14.48
0.003
-64.74
0.952
-172.60
9.50 GHz
0.990
-179.51
0.25
12.93
0.003
-65.64
0.956
-172.97
10.00 GHz
0.990
-179.62
0.22
11.49
0.003
-66.45
0.960
-173.32
10.50 GHz
0.991
-179.73
0.20
10.13
0.003
-67.16
0.963
-173.65
11.00 GHz
0.991
-179.84
0.19
8.84
0.002
-67.79
0.965
-173.96
11.50 GHz
0.991
-179.94
0.17
7.62
0.002
-68.34
0.968
-174.25
12.00 GHz
0.992
179.96
0.16
6.46
0.002
-68.82
0.970
-174.52
12.50 GHz
0.992
179.86
0.15
5.36
0.002
-69.23
0.972
-174.77
13.00 GHz
0.992
179.77
0.14
4.30
0.002
-69.58
0.974
-175.02
13.50 GHz
0.992
179.67
0.13
3.29
0.002
-69.88
0.975
-175.25
14.00 GHz
0.993
179.58
0.12
2.32
0.002
-70.12
0.976
-175.46
14.50 GHz
0.993
179.50
0.11
1.38
0.002
-70.30
0.978
-175.67
15.00 GHz
0.993
179.41
0.11
0.48
0.002
-70.44
0.979
-175.86
15.25 GHz
0.993
179.37
0.10
0.03
0.002
-70.48
0.979
-175.96
15.50 GHz
0.993
179.32
0.10
-0.40
0.002
-70.52
0.980
-176.05
15.75 GHz
0.993
179.28
0.10
-0.82
0.001
-70.54
0.980
-176.14
16.00 GHz
0.993
179.24
0.09
-1.24
0.001
-70.54
0.981
-176.23
16.25 GHz
0.993
179.20
0.09
-1.66
0.001
-70.53
0.981
-176.32
16.50 GHz
0.993
179.16
0.09
-2.06
0.001
-70.51
0.982
-176.40
16.75 GHz
0.993
179.12
0.09
-2.46
0.001
-70.48
0.982
-176.48
17.00 GHz
0.993
179.08
0.08
-2.86
0.001
-70.43
0.983
-176.56
17.25 GHz
0.993
179.04
0.08
-3.25
0.001
-70.37
0.983
-176.64
17.50 GHz
0.993
179.00
0.08
-3.63
0.001
-70.29
0.983
-176.72
17.75 GHz
0.993
178.96
0.08
-4.01
0.001
-70.20
0.984
-176.80
18.00 GHz
0.993
178.92
0.08
-4.39
0.001
-70.09
0.984
-176.87
To download the s-parameters in s2p format, go to the CGHV1J070D Product Page and click on the documentation tab.


Similar Part No. - CGHV1J070D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV1J070D WOLFSPEED-CGHV1J070D Datasheet
982Kb / 10P
   70 W, 18.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
More results

Similar Description - CGHV1J070D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV1J070D WOLFSPEED-CGHV1J070D Datasheet
982Kb / 10P
   70 W, 18.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
CGHV1J006D WOLFSPEED-CGHV1J006D Datasheet
868Kb / 9P
   6 W, 18.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
CGHV1J025D WOLFSPEED-CGHV1J025D Datasheet
1Mb / 10P
   25 W, 18.0 GHz, GaN HEMT Die
Rev. 2.2, 2022-12-2
logo
Cree, Inc
CGHV1J006D CREE-CGHV1J006D Datasheet
707Kb / 9P
   6 W, 18.0 GHz, GaN HEMT Die
CGHV1J025D CREE-CGHV1J025D Datasheet
763Kb / 9P
   25 W, 18.0 GHz, GaN HEMT Die
CGH60060D CREE-CGH60060D Datasheet
618Kb / 7P
   60 W, 6.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CGH60008D WOLFSPEED-CGH60008D Datasheet
977Kb / 9P
   8 W, 6.0 GHz, GaN HEMT Die
Rev. 1.2, 2022-11-23
CGH60015D WOLFSPEED-CGH60015D Datasheet
980Kb / 9P
   15 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
CGH60060D WOLFSPEED-CGH60060D Datasheet
1Mb / 8P
   60 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-2
CGH60120D WOLFSPEED-CGH60120D Datasheet
1Mb / 8P
   120 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com