Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL210CA-5 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # EL210CA-5
Description  10/100BASE-TX to 100BASE-BX WDM Media Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EL210CA-5 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  EL210CA-5 Datasheet HTML 1Page - Axiomtek Co., Ltd. EL210CA-5 Datasheet HTML 2Page - Axiomtek Co., Ltd. EL210CA-5 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EL200 / EL210 Series
www.EtherWAN.com
2
rev. A1.2
Interface
EthernetPort
•10/100BASE-TX: 1 port
•100BASE-FX: 1 port
LEDIndicators
•Per Unit: Power Status (Power)
•Per Port: 10/100TX: Link/Activity, Full-duplex/Collision,
Speed
•Per port 100FX: Link/Activity, Full-duplex/Collision
Environment
OperatingTemperature
•0°C to 45°C (32°F to 113°F)
StorageTemperature
•-10°C to 70°C (14°F to 158°F)
AmbientRelativeHumidity
•5% to 95% (non-condensing)
RegulatoryApprovals
ISO
•Manufactured in an ISO9001 facility
Safety
UL60950-1
EmissionCompliances
CEMarkClassA
FCCPart15ClassA
VCCIClassA
Hardware Specifications
Technology
Standards
•IEEE802.3 10BASE-T
•IEEE802.3u 100BASE-TX/FX
•IEEE802.3x Full duplex and flow control
ForwardandFilteringRate
•14,880pps for 10Mbps
•148,810pps for 100Mbps
PacketBufferMemory
•128K bits
ProcessingType
•Store-and-forward
•Half-duplex back-pressure and IEEE802.3x full-duplex flow
control
Power
InputVoltage
•12VDC
PowerConsumption
•1.92W Max. 0.16A @ 12VDC
Mechanical
Casing
•Aluminum Case
Dimensions
•80.3mm (W) x 109.2mm (D) x 23.8mm (H)
(3.16" (W) x 4.30" (D) x 0.94" (H))
Weight
•150g (0.33lb.)
Installation
•Wall mounting or use with EMC1600 media converter
chassis system
Dimensions
Front (EL200)
Back (EL200)
Back (EL210)
Front (EL210)
Top
Side
109.2mm (4.3”)
23.8mm
(0.94”)


Similar Part No. - EL210CA-5

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL211 EVERLIGHT-EL211 Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
EL211 EVERLIGHT-EL211 Datasheet
734Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
EL211(TA)-V EVERLIGHT-EL211(TA)-V Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
EL211(TB)-V EVERLIGHT-EL211(TB)-V Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
logo
Intersil Corporation
EL2110 INTERSIL-EL2110 Datasheet
102Kb / 6P
   Low Cost, Gain of 1, Video Op Amp
More results

Similar Description - EL210CA-5

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EL100 AXIOMTEK-EL100 Datasheet
542Kb / 3P
   10/100BASE-TX to 100BASE-FX Media Converter
EL900 AXIOMTEK-EL900_17 Datasheet
835Kb / 4P
   Hardened 10/100BASE-TX to 100BASE-FX Media Converter
logo
THOR communications
F-FE-TR THOR-F-FE-TR Datasheet
366Kb / 2P
   Enhanced 10/100Base-TX to 100Base-FX Media Converter
logo
List of Unclassifed Man...
IP113ALF ETC2-IP113ALF Datasheet
270Kb / 22P
   10 /100Base-Tx/Fx Media Converter
logo
Axiomtek Co., Ltd.
EL1141 AXIOMTEK-EL1141_17 Datasheet
696Kb / 4P
   IEC61850/IEEE1613 Hardened 10/100BASE-TX to 100BASE-FX Media Converter
logo
List of Unclassifed Man...
IP113MLF ETC2-IP113MLF Datasheet
690Kb / 58P
   Managed 10/100Base-TX / FX Media Converter
IP113F ETC2-IP113F Datasheet
1Mb / 46P
   Managed 10/100Base-TX / FX Media Converter
logo
Axiomtek Co., Ltd.
EL1032T AXIOMTEK-EL1032T Datasheet
330Kb / 4P
   Industrial 10/100BASE-TX to 100BASE-FX Media Converter with PoE/PSE
logo
Level One
FVT-2002 LVL1-FVT-2002 Datasheet
650Kb / 4P
   10/100BASE-TX to 100BASE-FX MMF ST Converter,
FVT-2401 LVL1-FVT-2401 Datasheet
644Kb / 4P
   10/100BASE-TX to 100BASE-FX SMF SC Converter, 40km
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com