Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV14250 Datasheet(PDF) 8 Page - Cree, Inc

Part # CGHV14250
Description  250 W, 1200 - 1400 MHz, GaN HEMT for L-Band Radar Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV14250 Datasheet(HTML) 8 Page - Cree, Inc

Back Button CGHV14250 Datasheet HTML 3Page - Cree, Inc CGHV14250 Datasheet HTML 4Page - Cree, Inc CGHV14250 Datasheet HTML 5Page - Cree, Inc CGHV14250 Datasheet HTML 6Page - Cree, Inc CGHV14250 Datasheet HTML 7Page - Cree, Inc CGHV14250 Datasheet HTML 8Page - Cree, Inc CGHV14250 Datasheet HTML 9Page - Cree, Inc CGHV14250 Datasheet HTML 10Page - Cree, Inc CGHV14250 Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
CGHV14250 Rev 3.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2014-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Product Dimensions CGHV14250F (Package Type — 440162)
Product Dimensions CGHV14250P (Package Type — 440161)


Similar Part No. - CGHV14250

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV14250 WOLFSPEED-CGHV14250 Datasheet
1Mb / 12P
   250 W, DC - 1.6 GHz, GaN HEMT for L-Band Radar Systems
Rev. 3.0, 2022-9-30
More results

Similar Description - CGHV14250

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV14500 CREE-CGHV14500 Datasheet
1Mb / 11P
   500 W, 1200 - 1400 MHz, GaN HEMT for L-Band Radar Systems
CGHV14800 CREE-CGHV14800 Datasheet
765Kb / 9P
   800 W, 1200 - 1400 MHz, 50 V, GaN HEMT for L-Band Radar Systems
logo
WOLFSPEED, INC.
CGHV14250 WOLFSPEED-CGHV14250 Datasheet
1Mb / 12P
   250 W, DC - 1.6 GHz, GaN HEMT for L-Band Radar Systems
Rev. 3.0, 2022-9-30
CGHV14500 WOLFSPEED-CGHV14500 Datasheet
3Mb / 20P
   500 W, DC - 1800 MHz, GaN HEMT for L-Band Radar Systems
Rev. 5.0, 2022-7-27
CGHV35150 WOLFSPEED-CGHV35150 Datasheet
1Mb / 10P
   150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev.1.4, 2022-12-2
logo
Cree, Inc
CGHV35150 CREE-CGHV35150 Datasheet
853Kb / 10P
   150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
logo
WOLFSPEED, INC.
CGHV35120F WOLFSPEED-CGHV35120F Datasheet
837Kb / 12P
   120 W, 2.9 - 3.8 GHz, 50 V, GaN HEMT for S-Band Radar Systems
Rev. 1.0, 2022-8-3
logo
Cree, Inc
CGHV37400F CREE-CGHV37400F Datasheet
815Kb / 11P
   400 W, 3500 - 3700 MHz, 50-Ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
logo
Microsemi Corporation
1214-550P MICROSEMI-1214-550P Datasheet
84Kb / 2P
   550 Watts - 300關s, 10%, 42V L-Band Pulsed Radar 1200 - 1400 MHz
1214-700P MICROSEMI-1214-700P Datasheet
83Kb / 2P
   700 Watts - 300關s, 10%, 50V L-Band Pulsed Radar 1200 - 1400 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com