Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV14250F-AMP Datasheet(PDF) 6 Page - Cree, Inc

Part # CGHV14250F-AMP
Description  250 W, 1200 - 1400 MHz, GaN HEMT for L-Band Radar Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV14250F-AMP Datasheet(HTML) 6 Page - Cree, Inc

Back Button CGHV14250F-AMP Datasheet HTML 2Page - Cree, Inc CGHV14250F-AMP Datasheet HTML 3Page - Cree, Inc CGHV14250F-AMP Datasheet HTML 4Page - Cree, Inc CGHV14250F-AMP Datasheet HTML 5Page - Cree, Inc CGHV14250F-AMP Datasheet HTML 6Page - Cree, Inc CGHV14250F-AMP Datasheet HTML 7Page - Cree, Inc CGHV14250F-AMP Datasheet HTML 8Page - Cree, Inc CGHV14250F-AMP Datasheet HTML 9Page - Cree, Inc CGHV14250F-AMP Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
CGHV14250 Rev 3.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2014-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
CGHV14250-AMP Demonstration Amplifier Circuit Bill of Materials
Designator
Description
Qty
R1
RES, 1/16W, 0603, 1%, 562 OHMS
1
R2
RES, 5.1 OHM, +/-1%, 1/16W, 0603
1
R3
RES, 1/16W, 0603, 1%, 4700 OHMS
1
L1
INDUCTOR, CHIP, 6.8 nH, 0603 SMT
1
C1, C23
CAP, 27pF, +/- 5%, 250V, 0805, ATC 600F
2
C2
CAP, 2.0pF, +/- 0.1pF, 0603, ATC
1
C3, C4
CAP, 0.5pF, +/-0.05pF, 0805, ATC 600F
2
C5,C6
CAP, 1.0pF, +/-0.05 pF, 0805, ATC 600F
2
C7,C8,C9,C10
CAP, 3.0pF, +/-0.1pF, 250V, 0805, ATC 600F
4
C11,C24
CAP, 47pF,+/-5%, 250V, 0805, ATC 600F
2
C12,C25
CAP, 100pF, +/-5%, 250V, 0805, ATC 600F
2
C13,C26
CAP, 33000PF, 0805,100V, X7R
2
C14
CAP 10uF 16V TANTALUM
1
C15,C16,C17,C18
CAP, 3.9pF, +/-0.1pF, 250V, 0805, ATC 600F
4
C19,C20
CAP, 1.2pF, +/-0.05pF, 0805, ATC 600F
2
C27
CAP, 1.0UF, 100V, 10%, X7R, 1210
1
C28
CAP, 3300 UF, +/-20%, 100V, ELECTROLYTIC
1
J1,J2
CONN, SMA, PANEL MOUNT JACK, FL
2
J3
HEADER RT>PLZ .1CEN LK 9POS
1
J4
CONNECTOR ; SMB, Straight, JACK,SMD
1
W1
CABLE ,18 AWG, 4.2
1
PCB, RO4350, 0.020 MIL THK, CGHV14250, 1.2-1.4GHZ
1
Q1
CGHV14250
1
CGHV14250-AMP Demonstration Amplifier Circuit


Similar Part No. - CGHV14250F-AMP

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV14250 WOLFSPEED-CGHV14250 Datasheet
1Mb / 12P
   250 W, DC - 1.6 GHz, GaN HEMT for L-Band Radar Systems
Rev. 3.0, 2022-9-30
More results

Similar Description - CGHV14250F-AMP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV14500 CREE-CGHV14500 Datasheet
1Mb / 11P
   500 W, 1200 - 1400 MHz, GaN HEMT for L-Band Radar Systems
CGHV14800 CREE-CGHV14800 Datasheet
765Kb / 9P
   800 W, 1200 - 1400 MHz, 50 V, GaN HEMT for L-Band Radar Systems
logo
WOLFSPEED, INC.
CGHV14250 WOLFSPEED-CGHV14250 Datasheet
1Mb / 12P
   250 W, DC - 1.6 GHz, GaN HEMT for L-Band Radar Systems
Rev. 3.0, 2022-9-30
CGHV14500 WOLFSPEED-CGHV14500 Datasheet
3Mb / 20P
   500 W, DC - 1800 MHz, GaN HEMT for L-Band Radar Systems
Rev. 5.0, 2022-7-27
CGHV35150 WOLFSPEED-CGHV35150 Datasheet
1Mb / 10P
   150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev.1.4, 2022-12-2
logo
Cree, Inc
CGHV35150 CREE-CGHV35150 Datasheet
853Kb / 10P
   150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
logo
WOLFSPEED, INC.
CGHV35120F WOLFSPEED-CGHV35120F Datasheet
837Kb / 12P
   120 W, 2.9 - 3.8 GHz, 50 V, GaN HEMT for S-Band Radar Systems
Rev. 1.0, 2022-8-3
logo
Cree, Inc
CGHV37400F CREE-CGHV37400F Datasheet
815Kb / 11P
   400 W, 3500 - 3700 MHz, 50-Ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
logo
Microsemi Corporation
1214-550P MICROSEMI-1214-550P Datasheet
84Kb / 2P
   550 Watts - 300關s, 10%, 42V L-Band Pulsed Radar 1200 - 1400 MHz
1214-700P MICROSEMI-1214-700P Datasheet
83Kb / 2P
   700 Watts - 300關s, 10%, 50V L-Band Pulsed Radar 1200 - 1400 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com