Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGHV27015S Datasheet(PDF) 1 Page - Cree, Inc

Part # CGHV27015S
Description  15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV27015S Datasheet(HTML) 1 Page - Cree, Inc

  CGHV27015S Datasheet HTML 1Page - Cree, Inc CGHV27015S Datasheet HTML 2Page - Cree, Inc CGHV27015S Datasheet HTML 3Page - Cree, Inc CGHV27015S Datasheet HTML 4Page - Cree, Inc CGHV27015S Datasheet HTML 5Page - Cree, Inc CGHV27015S Datasheet HTML 6Page - Cree, Inc CGHV27015S Datasheet HTML 7Page - Cree, Inc CGHV27015S Datasheet HTML 8Page - Cree, Inc CGHV27015S Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Subject to change without notice.
www.cree.com/rf
CGHV27015S
15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Cree’s CGHV27015S is an unmatched, gallium nitride (GaN) high electron mobility transistor
(HEMT) designed specifically for high efficiency, high gain and wide bandwidth capabilities,
which makes the CGHV27015S ideal for LTE, 4G Telecom and BWA amplifier applications. The
CGHV27015S GaN HEMT device is unmatched so it is suitable for power amplifier applications
from 10MHz through 6000 MHz, such as tactical communications, CATV, UAV data links, as
well as a driver stage amplifier for RADAR, EW, and SatCom devices. At a Vdd of 50 V, the device
provide 2.5W of average power or 15W of peak power. At a Vdd of 28V, the device provides 1S
of average power and 7W of peak power. The transistor is available in a 3mm x 4mm, surface mount, dual-flat-
no-lead (DFN) package.
Package Type: 3x4 DFN
PN: CGHV27015S
Features for 50 V in CGHV27015S-AMP1
2.4 - 2.7 GHz Operation
15 W Typical Output Power
21 dB Gain at 2.5 W P
AVE
-38 dBc ACLR at 2.5 W P
AVE
32% efficiency at 2.5 W P
AVE
High degree of APD and DPD correction can be applied
Typical Performance 2.4-2.7 GHz (T
C = 25˚C) , 50 V
Parameter
2.4 GHz
2.5 GHz
2.6 GHz
2.7 GHz
Units
Small Signal Gain
23
22
21.7
21.2
dB
Adjacent Channel Power @ P
OUT = 2.5 W
-36.7
-40.7
-42.4
-42.5
dBc
Drain Efficiency @ P
OUT = 2.5 W
35.9
33.5
30.4
30.2
%
Input Return Loss
-9.312
-9.6
-8.6
-7.8
dB
Note:
Measured in the CGHV27015S-AMP1 application circuit.
Under 7.5 dB PAR single carrier WCDMA signal test model 1 with 64 DPCH.


Similar Part No. - CGHV27015S

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV27015S WOLFSPEED-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev. 4.0, 2022-8-3
More results

Similar Description - CGHV27015S

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV27015S WOLFSPEED-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev. 4.0, 2022-8-3
CGH60015D WOLFSPEED-CGH60015D Datasheet
980Kb / 9P
   15 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
logo
Cree, Inc
CGH60015D CREE-CGH60015D Datasheet
544Kb / 8P
   15 W, 6.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CGHV27030S WOLFSPEED-CGHV27030S Datasheet
5Mb / 27P
   30 W, DC - 6.0 GHz, GaN HEMT
Rev. 6.0, 2022-7-14
logo
Cree, Inc
CGHV27030S CREE-CGHV27030S Datasheet
3Mb / 28P
   30 W, DC - 6.0 GHz, GaN HEMT
logo
WOLFSPEED, INC.
CGH27030S WOLFSPEED-CGH27030S Datasheet
2Mb / 15P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
Rev. 4.6, 2022-11-3
logo
Cree, Inc
CGH27030S CREE-CGH27030S Datasheet
1Mb / 16P
   30 W, DC - 6.0 GHz, 28 V, GaN HEMT
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV40050 WOLFSPEED-CGHV40050 Datasheet
2Mb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2
logo
Cree, Inc
CGHV40050 CREE-CGHV40050 Datasheet
2Mb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com