Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1200RSLC-20 Datasheet(PDF) 3 Page - Axiomtek Co., Ltd.

Part # EMC1200RSLC-20
Description  12-Bay Media Converter System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EMC1200RSLC-20 Datasheet(HTML) 3 Page - Axiomtek Co., Ltd.

  EMC1200RSLC-20 Datasheet HTML 1Page - Axiomtek Co., Ltd. EMC1200RSLC-20 Datasheet HTML 2Page - Axiomtek Co., Ltd. EMC1200RSLC-20 Datasheet HTML 3Page - Axiomtek Co., Ltd. EMC1200RSLC-20 Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EMC1200R Series
www.EtherWAN.com
3
rev. A1.2
Ordering Information
Model
EMC1200RC
12-Bay EL100C Media Converter System
EMC1200RT
12-Bay EL100T Media Converter System
EMC1200RL
12-Bay EL100L Media Converter System
EMC1210RC
12-Bay EL110C Media Converter System
EMC1210RT
12-Bay EL110T Media Converter System
EMC1210RL
12-Bay EL110L Media Converter System
EMC1220RCC-15
12-Bay EM120MCC-15 Media Converter System
EMC1220RTC-15
12-Bay EM120MTC-15 Media Converter System
EMC1220RLC-15
12-Bay EM120MLC-15 Media Converter System
Notes:
* ST fiber also available in Single Mode, 20Km
* SC fiber also available in Single Mode, 20/40/60/100/120Km
* SC fiber also available in WDM Type A and Type B, Single Mode 20/40Km, and Multi Mode 2/5Km
* More SFP options are available upon request. Please visit Etherwan.com for the latest SFP module datasheet.
Dimensions
Back
Top
Side
Front
440mm (17.32”)
45mm
(1.77”)


Similar Part No. - EMC1200RSLC-20

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1201 SMSC-EMC1201 Datasheet
644Kb / 10P
   Single/Dual Single-Wire Temp Sensor in SOT23-5 Using SMSC BudgetBus Sensor Interface
EMC1201-AGZQ-TR SMSC-EMC1201-AGZQ-TR Datasheet
644Kb / 10P
   Single/Dual Single-Wire Temp Sensor in SOT23-5 Using SMSC BudgetBus Sensor Interface
EMC1202 SMSC-EMC1202 Datasheet
644Kb / 10P
   Single/Dual Single-Wire Temp Sensor in SOT23-5 Using SMSC BudgetBus Sensor Interface
EMC1202-AGZQ-TR SMSC-EMC1202-AGZQ-TR Datasheet
644Kb / 10P
   Single/Dual Single-Wire Temp Sensor in SOT23-5 Using SMSC BudgetBus Sensor Interface
EMC1203 SMSC-EMC1203 Datasheet
308Kb / 10P
   Triple/Quad Single-Wire Temp Sensor in MSOP-8 Using SMSC BudgetBus Sensor Interface
More results

Similar Description - EMC1200RSLC-20

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EMC400 AXIOMTEK-EMC400 Datasheet
4Mb / 3P
   4-Bay Commercial Media Converter Chassis
EMC1600 AXIOMTEK-EMC1600 Datasheet
615Kb / 3P
   16-Bay Media Converter and Ethernet Extender Chassis
logo
Glenair, Inc.
050_113 GLENAIR-050_113 Datasheet
627Kb / 15P
   Media Converter
050-110 GLENAIR-050-110 Datasheet
758Kb / 13P
   Media Converter
050-112 GLENAIR-050-112 Datasheet
607Kb / 15P
   Media Converter
050-113 GLENAIR-050-113 Datasheet
627Kb / 15P
   Media Converter
050-115 GLENAIR-050-115 Datasheet
588Kb / 13P
   Media Converter
050_115 GLENAIR-050_115 Datasheet
588Kb / 13P
   Media Converter
logo
Bel Fuse Inc.
T2F-DTL002-24V BEL-T2F-DTL002-24V Datasheet
760Kb / 2P
   Media Converter
logo
Red Lion Controls. Inc
302MC REDLION-302MC Datasheet
440Kb / 3P
   Industrial Media Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com